Electronic Components Datasheet Search
  English  ▼

X  

LT3980 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3980
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3980 Datasheet HTML 10Page - Linear Technology LT3980 Datasheet HTML 11Page - Linear Technology LT3980 Datasheet HTML 12Page - Linear Technology LT3980 Datasheet HTML 13Page - Linear Technology LT3980 Datasheet HTML 14Page - Linear Technology LT3980 Datasheet HTML 15Page - Linear Technology LT3980 Datasheet HTML 16Page - Linear Technology LT3980 Datasheet HTML 17Page - Linear Technology LT3980 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3646/LTC3646-1
14
36461fc
For more information www.linear.com/LTC3646
Figure 2. Optional Feedforward Capacitor
VFB
R1
R2
CF
3646 F02
VOUT
SGND
LTC3646
APPLICATIONS INFORMATION
The design example on the back page uses a DFLS1200
based on its low reverse leakage over the voltage and
temperature ratings of the LTC3646.
Output Voltage Programming
The LTC3646 will adjust the output voltage such that VFB
equals the reference voltage of 0.6V according to:
VOUT = 0.6V 1+
R1
R2
The desired output voltage is set by the appropriate selec-
tion of resistors R1 and R2 as shown in Figure 2. Choosing
largevaluesforR1andR2willresultinimprovedefficiency
but may lead to undesired noise coupling or phase margin
reduction due to stray capacitance at the VFB node. Care
should be taken to route the FB line away from any noise
source, such as the SW line.
Whenprogrammingoutputvoltagesabove 12V,aSchottky
diode connected between BOOST and INTVCC is needed
(see the Boost Capacitor and Diode section.)
To improve the frequency response of the main control
loop a feedforward capacitor, CF, may be used as shown
in Figure 2.
Minimum Off-Time/On-Time Considerations
The minimum off-time is the smallest amount of time that
the LTC3646 can turn on the bottom power MOSFET, trip
the current comparator and turn off the power MOSFET.
This time is typically 80ns. For the controlled on-time
current mode control architecture, the minimum off-time
limit imposes a maximum duty cycle of:
DC(MAX) = 1 – (fO • tOFF(MIN))
where fO is the switching frequency and tOFF(MIN) is the
minimumoff-time.Ifthemaximumdutycycleissurpassed,
due to a dropping input voltage for example, the output
will drop out of regulation. The minimum input voltage to
avoid this dropout condition is:
VIN(MIN) =
VOUT
1− fO • tOFF(MIN)
(
)
If there is concern about operating near the minimum
off-time limits, consider reducing the frequency to add
margin to the design.
Conversely, the minimum on-time is the smallest dura-
tion of time in which the top power MOSFET can be in
its “on” state. This time is typically 30ns. In continuous
mode operation, the minimum on-time limit imposes a
minimum duty cycle of:
DC(MIN) = (fO • tON(MIN))
where tON(MIN) is the minimum on-time. As the equation
shows, reducing the operating frequency will alleviate the
minimumdutycycleconstraint.Intherarecaseswherethe
minimum duty cycle is surpassed, the output voltage will
still remain in regulation, but the switching frequency will
decreasefromitsprogrammedvalue.Thisisanacceptable
result in many applications, so this constraint may not be
of critical importance in some cases, and high switching
frequencies may be used in the design without any fear
of severe consequences. As the sections on Inductor and
CapacitorSelectionshow,highswitchingfrequenciesallow
the use of smaller board components, thus reducing the
footprint of the application circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com