Electronic Components Datasheet Search
  English  ▼

X  

TDL2 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TDL2
Description  TDL 2 Series, 2 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TDL2 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TDL2 Datasheet HTML 1Page - TRACO Electronic AG TDL2 Datasheet HTML 2Page - TRACO Electronic AG TDL2 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TDL 2 Series, 2 Watt
http://www.tracopower.com
Page 2 of 3
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Input Specifications
Input current no load
5 Vin models: 40 mA typ.
12 Vin models: 27 mA typ.
24 Vin models: 15 mA typ.
48 Vin models: 8 mA typ.
Surge voltage (1 sec. max.)
5 Vin models: 12 V max.
12 Vin models: 25 V max.
24 Vin models: 50 V max.
48 Vin models: 100 V max.
Input filter
internal capacitor
Conducted noise
EN 55022 class A, B (with external components)
ESD (electrostatic discharge)
EN 61000-4-2, ±8 kV / ±6 kV, perf. criteria A
Radiated immunity
EN 61000-4-3, 10 V/m, perf. criteria A
Fast transient / surge (with external input capacitor)
EN 61000-4-4, ±2 kV, perf. criteria A
EN 61000-4-5, ±1 kV perf. criteria A
–external input capacitor
all models: 220 µF/100V
Conducted immunity
EN 61000-4-6, 10 Vrms, perf. criteria A
Magnetic field immunity
EN 61000-4-8, 3 A/m, perf. criteria A
Output Specifications
Voltage set accuracy
±1.5 % max.
Regulation
– Input variation
0.2 % max.
– Load variation 0 – 100 %
1 % max.
dual output: 2 % max. (balanced load)
cross regulation - dual output: 5 % max. (asymmetrical load 25 % / 100 %)
Minimum load
no minimum load required
Ripple and noise (20 MHz Bandwidth)
70 mVp-p typ.
Transient response
– Recovery time ( 25% load step change)
500 μs typ.
– Response deviation ( 25% load step change)
5 % max.
Current limitation
at 180% of nominal lout typ., foldback
Short circuit protection
continuous, automatic recovery
Capacitive load
– Single output
all models: 100 µF max.
– Dual output
all models: 100 µF max. (each output)
General Specifications
Temperature ranges
– Operating (convection cooling 20LFM, 0,1m/s)
–40°C to +70°C (without derating)
– Case temperature
+90°C max.
– Storage temperature
–50°C to +125°C
Derating
4.0%/K above 70°C
Humidity (non condensing)
95 % rel H max.
Isolation voltage
– I/O isolation voltage (60 sec.)
1’500 VDC
Isolation capacitance (input/output)
100 pF typ.
Isolation resistance (input/output)
>1 Gohm
Altitude during operation
5’000 m
Temperature coefficient
±0.02 %/K typ.
Reliability, calculated MTBF (MIL-HDBK-217F at +25°C, ground benign)
>4‘226‘000 h
Switching frequency
100 kHz min. (PFM)
Safety standards
UL 60950-1
IEC/EN 60950-1
– Certification documents
www.tracopower.com/overview/tdl2
Environmental compliance – Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com