Electronic Components Datasheet Search
  English  ▼

X  

TDL2 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TDL2
Description  TDL 2 Series, 2 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TDL2 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TDL2 Datasheet HTML 1Page - TRACO Electronic AG TDL2 Datasheet HTML 2Page - TRACO Electronic AG TDL2 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
DC/DC Converter
TDL 2 Series, 2 Watt
Models
• Compact 2W Converter
in DIP package
• I/O-isolation 1‘500 VDC
• Fully regulated outputs
• Wide 2 : 1 input voltage range
• Operating temperature range
-40°C to +80°C
• Short circuit protection
• 3-year product warranty
The TDL 2 series with 2:1 input voltage range is a selection of 2 Watt
regulated dc/dc-converters. They come in a very compact DIP package
(0.55 x 0.55 x 0.31 inch).
Order code
Input voltage
Output voltage
Output current max.
Efficiency typ.
TDL 2-0510
3.3 VDC
400 mA
79 %
TDL 2-0511
5.0 VDC
400 mA
81 %
TDL 2-0512
12 VDC
167 mA
85 %
TDL 2-0513
4.5 – 10 VDC
15 VDC
134 mA
87 %
TDL 2-0521
(5 VDC nominal)
±5.0 VDC
±200 mA
83 %
TDL 2-0522
±12 VDC
±83 mA
85 %
TDL 2-0523
±15 VDC
±67 mA
85 %
TDL 2-1210
3.3 VDC
400 mA
80 %
TDL 2-1211
5.0 VDC
400 mA
83 %
TDL 2-1212
12 VDC
167 mA
87 %
TDL 2-1213
9 – 18 VDC
15 VDC
134 mA
87 %
TDL 2-1221
(12 VDC nominal)
±5.0 VDC
±200 mA
84 %
TDL 2-1222
±12 VDC
±83 mA
86 %
TDL 2-1223
±15 VDC
±67 mA
86 %
TDL 2-2410
3.3 VDC
400 mA
79 %
TDL 2-2411
5.0 VDC
400 mA
84 %
TDL 2-2412
12 VDC
167 mA
86 %
TDL 2-2413
18 – 36 VDC
15 VDC
134 mA
87 %
TDL 2-2421
(24 VDC nominal)
±5.0 VDC
±200 mA
84 %
TDL 2-2422
±12 VDC
±83 mA
86 %
TDL 2-2423
±15 VDC
±67 mA
86 %
TDL 2-4810
3.3 VDC
400 mA
79 %
TDL 2-4811
5.0 VDC
400 mA
83 %
TDL 2-4812
12 VDC
167 mA
85 %
TDL 2-4813
36 – 75 VDC
15 VDC
134 mA
86 %
TDL 2-4821
(48 VDC nominal)
±5.0 VDC
±200 mA
82 %
TDL 2-4822
±12 VDC
±83 mA
84 %
TDL 2-4823
±15 VDC
±67 mA
84 %
Models


Similar Part No. - TDL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
UHF Transparent Data Link transceiver
logo
Sharma Electro Componen...
TDL226K50CB SHARMA-TDL226K50CB Datasheet
446Kb / 2P
Tantalum Capacitors
logo
Radiometrix Ltd
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
UHF Multi Channel Transparent Data Link
TDL2A-433-4 RADIOMETRIX-TDL2A-433-4 Datasheet
342Kb / 11P
UHF Multi Channel Transparent Data Link Transceiver
TDL2A-433-4 RADIOMETRIX-TDL2A-433-4 Datasheet
581Kb / 11P
UHF Multi Channel Transparent Data Link
More results

Similar Description - TDL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPSX2-08-00 ETC2-BPSX2-08-00 Datasheet
857Kb / 3P
BIAS 2 Watt Power Supply BPSX 2 Series
BPW2-08-00 ETC2-BPW2-08-00 Datasheet
286Kb / 6P
BIAS 2 Watt Power Supply BPW 2 Series Data Sheet
Revised 01/26/2011
BPWX2-08-00 ETC2-BPWX2-08-00 Datasheet
849Kb / 2P
BIAS 2 Watt Power Supply BPWX 2 Series
logo
PEAK electronics GmbH
P10SG-053R3ELF PEAK-P10SG-053R3ELF Datasheet
137Kb / 3P
2 Watt
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
TDR 2 Series, 2 Watt
Rev. November 30, 2022
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
TRS2 TRACOPOWER-TRS2 Datasheet
902Kb / 4P
DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TDL3 TRACOPOWER-TDL3 Datasheet
251Kb / 3P
TDL 3 Series, 3 Watt
Rev. December 15, 2021
TEL2 TRACOPOWER-TEL2 Datasheet
209Kb / 3P
DC/DC Converters TEL 2 Series, 2 Watt
Rev. March 6, 2023
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com