Electronic Components Datasheet Search
  English  ▼

X  

TDL2 Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TDL2
Description  TDL 2 Series, 2 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TDL2 Datasheet(HTML) 3 Page - TRACO Electronic AG

  TDL2 Datasheet HTML 1Page - TRACO Electronic AG TDL2 Datasheet HTML 2Page - TRACO Electronic AG TDL2 Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TDL 2 Series, 2 Watt
www.tracopower.com
© Copyright 2021 Traco Electronic AG
Specifications can be changed without notice!
Page 3 of 3
Rev. December 15, 2021
Physical Specifications
Casing material
Non-conducting Plastic (UL 94V-0 rated)
Potting material
Epoxy (UL 94 V-0 rated)
Pin material
tinned copper
Package weight
3.9 g (0.137 oz)
Soldering temperature
max. 260°C / 10 sec.
Outline Dimensions
Pin
Single
Dual
1
–Vin (GND)
–Vin (GND)
4
+Vin (Vcc)
+Vin (Vcc)
5
+Vout
+Vout
6
no pin
Common
7
–Vout
–Vout
Pin-Out
Dimensions in [mm], () = Inch
Tolerances: x.x
±0.5 (±0.02)
x.xx
±0.25 (±0.01)
pin dimension tolerance
±0.05 (±0.002)
14.0 (0.55)
7.62 (0.30)
3 x 2.54
(3 x 0.10)
bottom view
1
4
5
6
7
3.19
(0.13)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com