Electronic Components Datasheet Search
  English  ▼

X  

TES3 Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TES3
Description  DC/DC Converters TES 3 Series, 3 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TES3 Datasheet(HTML) 2 Page - TRACO Electronic AG

  TES3 Datasheet HTML 1Page - TRACO Electronic AG TES3 Datasheet HTML 2Page - TRACO Electronic AG TES3 Datasheet HTML 3Page - TRACO Electronic AG TES3 Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.tracopower.com
Page 2 of 4
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
DC/DC Converters
TES 3 Series
3 Watt
Input Specifications
Input current no load / full load
12 Vin models: 20 mA / 300 mA typ.
24 Vin models: 5 mA / 150 mA typ.
48 Vin models: 3 mA / 75 mA typ.
Start-up voltage /
12 Vin models: 6 VDC / 8 VDC typ.
under voltage shut down
24 Vin models: 12 VDC / 16 VDC typ.
48 Vin models: 24 VDC / 32 VDC typ
Surge voltage (1 sec. max.)
12 Vin models:
25 V max.
24 Vin models:
50 V max.
48 Vin models: 100 V max.
Reflected input ripple current
can be reduced by ext. 1–2.2 µF polyester film
capacitor
Input filter
Pi filter
Output Specifications
Voltage set accuracy
±1 %
Regulation
– Input variation Vin min. to Vin max.
0.3 % max.
– Load variation 10 – 100 %
single output models: 1.0 % max.
dual output models balanced load: 1.0 % max.
dual output models unbalanced load: 2.0 % max.
Ripple and noise
50 mVpk-pk max.
Temperature coefficient
±0.02 %/°C
Current limitation
>110 % of Iout max., continuouse
Short circuit protection
hiccup mode, indefinite
(no automatic recovery)
Capacitive load
– single output models
4700 µF
– dual output models
180 µF (each input)
General Specifications
Temperature ranges
– Operating
–40°C to +85°C
– Case temperature
+100°C max.
– Storage
–40°C to +125°C
Derating (convection cooling)
3.5 %/K above 70°C
Humidity (non condensing)
95 % rel H max.
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>1‘000‘000 h
Isolation voltage (60 sec.)
– Input/Output
1‘500 VDC
Isolation capacitance
– Input/Output
65 pF typ.
Isolation resistance
– Input/Output
>1‘000 Mohm
Switching frequency
300 kHz typ. (frequency modulation PFM)
Safety standards
UL 60950-1, IEC/EN 60950-1
Supporting documents: www.tracopower.com/overview/tes3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com