Electronic Components Datasheet Search
  English  ▼

X  

TES3 Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TES3
Description  DC/DC Converters TES 3 Series, 3 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TES3 Datasheet(HTML) 3 Page - TRACO Electronic AG

  TES3 Datasheet HTML 1Page - TRACO Electronic AG TES3 Datasheet HTML 2Page - TRACO Electronic AG TES3 Datasheet HTML 3Page - TRACO Electronic AG TES3 Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.tracopower.com
Page 3 of 4
Physical Specifications
Casing material
non conductive black plastic
(UL 94V-0-rated)
Pin material
Phosphor bronze
Package weight
8.8 g (0.31 oz)
Lead-free reflow solder process
as per J-STD-020D.1 (to find at:
www.jedec.org - free registration required)
Moisture sensivity level (MSL)
level 2 as per J-STD-033B.1 (to find at:
www.jedec.org - free registration required)
Washing process
not recommended. Product non-hermetical.
DC/DC Converters
TES 3 Series
3 Watt
Outline Dimensions mm (inches)
2.54
(0.1)
2.16
(0.085)
17.78 (0.7)
1
24
Top View
32.3 (1.272)
1.0 (0.04)
13
Detail A
Seating
Plane
S
M10:1
1.
0
1.3 (0.051)
16.1 (0.634)
14.8 (0.583)
18.8 (0.740)
Detail A
0.15
12
24.6 (0.97)
Ø
1.5 (Ø 0.06) vent hole on bottom side
(for reflow soldering process)
Pin
Single
Dual
1
–Vin (GND) –Vin (GND)
2
–Vin (GND) –Vin (GND)
3
NC
NC
10
NC
Common
11
NC
NC
12
NC
–V Output
13
+V Output
+V Output
14
NC
NC
15
–V Output
Common
22
NC
NC
23
+Vin (Vcc)
+Vin (Vcc)
24
+Vin (Vcc)
+Vin (Vcc)
Pin-Out
Dimensions in [mm], () = Inch
Tolerances ±0.25 (±0.01)
Pin pitch tolerances ±0.05 (±0.002)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com