Electronic Components Datasheet Search
  English  ▼

X  

TES3 Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TES3
Description  DC/DC Converters TES 3 Series, 3 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TES3 Datasheet(HTML) 1 Page - TRACO Electronic AG

  TES3 Datasheet HTML 1Page - TRACO Electronic AG TES3 Datasheet HTML 2Page - TRACO Electronic AG TES3 Datasheet HTML 3Page - TRACO Electronic AG TES3 Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
DC/DC Converters
TES 3 Series, 3 Watt
Features
◆
SMD package
◆
Wide 2:1 input voltage range
◆
I/O isolation 1500VDC
◆
Under voltage lockout
◆
Operating temp. range –40°C to +85°C
◆
Short circuit protection
◆
High accuracy of pin co-planarity
◆
Lead free design – RoHS compliant
◆
3-years product warranty
The TES-3 series is a family of high performance 3W dc-dc converter modules
featuring wide 2:1 input voltage ranges. The 15 models come in a low profile
SMD package with dimensions of 32.3 x 14.8 x 10.2 mm. A high efficiency allows
an operating temperature range of –40°C to +85°C at full load.
This product is qualified for soldering in a high temperature lead-free reflow solder
process. Typical applications for the converters are battery operated equipment,
instrumentation, communication and industrial electronics, everywhere where an
isolated, tightly regulated voltage is required.
Ordercode
Input voltage range
Output voltage
Output current max.
Efficiency typ.
TES 3-1210
3.3 VDC
700 mA
75 %
TES 3-1211
5 VDC
600 mA
79 %
TES 3-1212
9 – 18 VDC
12 VDC
250 mA
82 %
TES 3-1222
(12 VDC nominal)
±12 VDC
±125 mA
81 %
TES 3-1223
±15 VDC
±100 mA
81 %
TES 3-2410
3.3 VDC
700 mA
76 %
TES 3-2411
5 VDC
600 mA
80 %
TES 3-2412
18 – 36 VDC
12 VDC
250 mA
83 %
TES 3-2422
(24 VDC nominal)
±12 VDC
±125 mA
82 %
TES 3-2423
±15 VDC
±100 mA
82 %
TES 3-4810
3.3 VDC
700 mA
76 %
TES 3-4811
5 VDC
600 mA
80 %
TES 3-4812
36 – 75 VDC
12 VDC
250 mA
83 %
TES 3-4822
(48 VDC nominal)
±12 VDC
±125 mA
82 %
TES 3-4823
±15 VDC
±100 mA
82 %
Models
UL 60950-1
C B
Scheme


Similar Part No. - TES3

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TES3 TRUMPOWER-TES3 Datasheet
188Kb / 2P
3 Watts AC/DC Power Modules
logo
TRACO Electronic AG
TES3-2410WI TRACOPOWER-TES3-2410WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
TES3-2411WI TRACOPOWER-TES3-2411WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
TES3-2412WI TRACOPOWER-TES3-2412WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
TES3-2413WI TRACOPOWER-TES3-2413WI Datasheet
779Kb / 4P
TES 3WI Series, 3 Watt
Rev. November 30, 2022
More results

Similar Description - TES3

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
AIMTEC
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
3 watt dc-dc converters
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AE CINCON-EC3AE Datasheet
176Kb / 2P
3 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEL3 TRACOPOWER-TEL3 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TES2N TRACOPOWER-TES2N Datasheet
210Kb / 3P
DC/DC Converters TES 2N Series, 2 Watt
Rev. September 16, 2022
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com