Electronic Components Datasheet Search
  English  ▼

X  

AD5764CSU Datasheet(PDF) 4 Page - Analog Devices

Part # AD5764CSU
Description  Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSU Datasheet(HTML) 4 Page - Analog Devices

  AD5764CSU Datasheet HTML 1Page - Analog Devices AD5764CSU Datasheet HTML 2Page - Analog Devices AD5764CSU Datasheet HTML 3Page - Analog Devices AD5764CSU Datasheet HTML 4Page - Analog Devices AD5764CSU Datasheet HTML 5Page - Analog Devices AD5764CSU Datasheet HTML 6Page - Analog Devices AD5764CSU Datasheet HTML 7Page - Analog Devices AD5764CSU Datasheet HTML 8Page - Analog Devices AD5764CSU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
AD5764
Preliminary Technical Data
Rev. PrC 21-Oct-04| Page 4 of 28
SPECIFICATIONS
AVDD = +11.4 V to +15.75 V, AVSS = −11.4 V to −15.75 V, AGND = DGND = REFGND = PGND=0 V; REFAB = REFCD= 5 V Ext;
DVCC = 2.7 V to 5.5 V, RLOAD = 10 kΩ, CL = 200 pF. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
A Grade1
B Grade1
C Grade1
Unit
Test Conditions/Comments
ACCURACY
Resolution
16
16
16
Bits
Relative Accuracy (INL)
±4
±2
±1
LSB max
Differential Nonlinearity
±1
±1
±1
LSB max
Guaranteed monotonic
Bipolar Zero Error
±1
±1
±1
mV max
At 25°C. Error at other
temperatures
obtained using bipolar zero TC.
Bipolar Zero TC
±2
±2
±2
ppm FSR/°C max
Zero Code Error
±1
±1
±1
mV max
At 25°C. Error at other
temperatures
obtained using zero code TC.
Zero Code TC
±2
±2
±2
ppm FSR/°C max
Gain Error
±0.02
±0.02
±0.02
% FSR max
At 25°C. Error at other
temperatures
obtained using gain TC.
Gain TC
2
2
2
ppm FSR/°C max
DC Crosstalk2
0.5
0.5
0.5
LSB max
REFERENCEINPUT/OUTPUT
Reference Input2
Reference Input Voltage
5
5
5
V nom
±1% for specified performance
DC Input Impedance
1
1
1
MΩ min
Typically 100 MΩ
Input Current
±10
±10
±10
µA max
Typically ±30 nA
Reference Range
1/5
1/5
1/5
V min/max
Reference Output
Output Voltage
4.999/5.001
4.999/5.001
4.999/5.001
V min/max
At 25°C
Reference TC
±10
±10
±10
ppm/°C max
±3
±3
±3
Ppm/°C typ
Output Noise(0.1 Hz to 10 Hz)
TBD
TBD
TBD
µV p-p typ
Noise Spectral Density
TBD
TBD
TBD
nV/√Hz typ
OUTPUT CHARACTERISTICS2
Output Voltage Range3
±10
±10
±10
V min/max
AVDD/AVSS = ±11.4 V
±13
±13
±13
V min/max
AVDD/AVSS = ±14.75 V
Output Voltage TC
±2
±2
±2
ppm FSR/°C max
Output Voltage Drift VS Time
±TBD
±TBD
±TBD
ppm FSR/1000 Hours
typ
Short Circuit Current
10
10
10
mA max
RISCC = 6 K
Ω , See Figure ???
Load Current
±1
±1
±1
mA max
Capacitive Load Stability
RL = ∞
200
200
200
pF max
RL = 10 kΩ
TBD
TBD
TBD
pF max
DC Output Impedance
0.3
0.3
0.3
Ω max
1 Temperature range −40°C to +85°C; typical at +25°C. Device functionality is guaranteed to +105°C with degraded performance.
2 Guaranteed by characterization. Not production tested.
3 Output amplifier headroom requirement is 1.4 V min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com