Electronic Components Datasheet Search
  English  ▼

X  

AD5764CSU Datasheet(PDF) 20 Page - Analog Devices

Part # AD5764CSU
Description  Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764CSU Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5764CSU Datasheet HTML 16Page - Analog Devices AD5764CSU Datasheet HTML 17Page - Analog Devices AD5764CSU Datasheet HTML 18Page - Analog Devices AD5764CSU Datasheet HTML 19Page - Analog Devices AD5764CSU Datasheet HTML 20Page - Analog Devices AD5764CSU Datasheet HTML 21Page - Analog Devices AD5764CSU Datasheet HTML 22Page - Analog Devices AD5764CSU Datasheet HTML 23Page - Analog Devices AD5764CSU Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Preliminary Technical Data
AD5764
Rev. PrC 21-Oct-04| Page 21 of 28
DATA REGISTER
The Data register is addressed by setting the three REG bits to 010. The DAC address bits select with which DAC Channel the Data
transfer is to take place (Refer to Table 7). The 16 data bits are in positions D15 to D0 as shown in Table 10.
Table 10. Programming the Data Register
REG2
REG1
REG0
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
DAC Address
16 Bit DAC Data
COARSE GAIN REGISTER
The Coarse Gain Register is addressed by setting the three REG bits to 011. The DAC address bits select with which DAC Channel the
Data transfer is to take place (Refer to Table 7). The Coarse Gain Register ia a 2-bit register and allows the user to select the output range
of each DAC as shown in Table 12.
Table 11. Programming the Coarse Gain Register
REG2
REG1
REG0
A2
A1
A0
D15 …. D2
D1
D0
0
1
1
DAC Address
Don’t Care
CG1
CG0
Table 12. Output Range Selection
Output Range
CG1
CG0
± 10 V
0
0
± 10.25 V
0
1
± 10.5 V
1
0
FINE GAIN REGISTER
The Fine Gain Register is addressed by setting the three REG bits to 100. The DAC address bits select with which DAC Channel the Data
transfer is to take place (Refer to Table 7). The Fine Gain Register is a 6-bit register and allows the user to adjust the gain of each DAC
channel by -32 LSBs to +31 LSBs in 1 LSB steps as shown in Table 13 and Table 14.
Table 13. Programming the Fine Gain Register
REG2
REG1
REG0
A2
A1
A0
D15 …. D6
D5
D4
D3
D2
D1
D0
1
0
0
DAC Address
Don’t Care
FG5
FG4
FG3
FG2
FG1
FG0
Table 14. Fine Gain Register Options
Gain Adjustment
FG5
FG4
FG3
FG2
FG1
FG0
+31 LSBs
0
0
0
0
0
0
+30 LSBs
0
0
0
0
0
1
-
-
-
-
-
-
No Adjustment
1
0
0
0
0
0
-
-
-
-
-
-
-31 LSBs
1
1
1
1
1
0
-32 LSBs
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com