Electronic Components Datasheet Search
  English  ▼

X  

LDO06C Datasheet(PDF) 5 Page - Artesyn Technologies

Part # LDO06C
Description  Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO06C Datasheet(HTML) 5 Page - Artesyn Technologies

  LDO06C Datasheet HTML 1Page - Artesyn Technologies LDO06C Datasheet HTML 2Page - Artesyn Technologies LDO06C Datasheet HTML 3Page - Artesyn Technologies LDO06C Datasheet HTML 4Page - Artesyn Technologies LDO06C Datasheet HTML 5Page - Artesyn Technologies LDO06C Datasheet HTML 6Page - Artesyn Technologies LDO06C Datasheet HTML 7Page - Artesyn Technologies LDO06C Datasheet HTML 8Page - Artesyn Technologies LDO06C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.artesyn.com
LDO06C Series | 6 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_ldo06c.pdf Rev: (01) 12 Apr 2006
5
4
Safety Agency Approvals
Characteristic
UL/cUL
UL/cUL60950
TÜV Product Service
IEC 60950
Material Ratings
Characteristic Signal Name
Notes and Conditions
Flammability rating
UL94V-0
Material type
FR4 PCB
Model Numbers
Model
Number
Input
Voltage
Output
Voltage
Output Current
(Max.)
Efficiency
at Full Load
Max. Load
Regulation
LDO06C-005W05-SJ
LDO06C-005W05-HJ
LDO06C-005W05-VJ
3.0-13.8 V
3.0-13.8 V
3.0-13.8 V
0.59-5.1 V
0.59-5.1 V
0.59-5.1 V
6 A
6 A
6 A
92%
92%
92%
±0.5%
±0.5%
±0.5%
RoHS Compliance Ordering Information
The ‘J’ at the end of the part number
indicates that the part is Pb-free
(RoHS 6/6 compliant). TSE RoHS 5/6
(non PB-free) compliant versions may
be available on special request, please
contact your local sales representative
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com