Electronic Components Datasheet Search
  English  ▼

X  

LDO06C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LDO06C
Description  Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO06C Datasheet(HTML) 1 Page - Artesyn Technologies

  LDO06C Datasheet HTML 1Page - Artesyn Technologies LDO06C Datasheet HTML 2Page - Artesyn Technologies LDO06C Datasheet HTML 3Page - Artesyn Technologies LDO06C Datasheet HTML 4Page - Artesyn Technologies LDO06C Datasheet HTML 5Page - Artesyn Technologies LDO06C Datasheet HTML 6Page - Artesyn Technologies LDO06C Datasheet HTML 7Page - Artesyn Technologies LDO06C Datasheet HTML 8Page - Artesyn Technologies LDO06C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
File Name: lf_ldo06c.pdf Rev: (01) 12 Apr 2006
LDO06C Series | 6 A DC-DC
C Class Non-Isolated DC/DC Converter
LDO06C SERIES
Single Output
6 A current rating
Input voltage range 3-13.8 V
Adjustable output voltage 0.59-5.1 V
• Optional 3-pin model factory set
• Optional 5-pin model factory set with power good option
Excellent transient response
Power enable (5-pin model)
Minimum airflow
Small package
Termination voltage capacity
RoHS Compliant
The LDO06C is a new high density, open
frame, non-isolated converter for space
sensitive applications. This model has a
wide input range of 3-13.8 V and offers
a 0.59-5.1 V adjustable output with 6
A capability. Typical efficiency for this
model is 92% (5 Vin, 2.5 Vout, 6 A load).
The 5-pin version of this voltage device
offers the additional features of enable,
and with a default wide adjustable ouput
voltage range or option of power good.
[ 2 Y E A R W A R R A N T Y ]
TÜV


Similar Part No. - LDO06C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO06C EMERSON-NETWORKPOWER-LDO06C Datasheet
169Kb / 4P
6 A output current rating
logo
Advanced Energy Industr...
LDO06C ADVANCEDENERGY-LDO06C Datasheet
564Kb / 6P
30 Watts
logo
Emerson Network Power
LDO06C-005W05-HJ EMERSON-NETWORKPOWER-LDO06C-005W05-HJ Datasheet
169Kb / 4P
6 A output current rating
logo
Artesyn Technologies
LDO06C-005W05-HJ ARTESYN-LDO06C-005W05-HJ Datasheet
671Kb / 4P
POWER 30 Watts
logo
Emerson Network Power
LDO06C-005W05-SJ EMERSON-NETWORKPOWER-LDO06C-005W05-SJ Datasheet
169Kb / 4P
6 A output current rating
More results

Similar Description - LDO06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
SIL20C ARTESYN-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
Single negative output 25 A DC-DC Converter C Class Non-Isolated
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com