Electronic Components Datasheet Search
  English  ▼

X  

LDO06C Datasheet(PDF) 14 Page - Artesyn Technologies

Part # LDO06C
Description  Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO06C Datasheet(HTML) 14 Page - Artesyn Technologies

Back Button LDO06C Datasheet HTML 10Page - Artesyn Technologies LDO06C Datasheet HTML 11Page - Artesyn Technologies LDO06C Datasheet HTML 12Page - Artesyn Technologies LDO06C Datasheet HTML 13Page - Artesyn Technologies LDO06C Datasheet HTML 14Page - Artesyn Technologies LDO06C Datasheet HTML 15Page - Artesyn Technologies LDO06C Datasheet HTML 16Page - Artesyn Technologies LDO06C Datasheet HTML 17Page - Artesyn Technologies LDO06C Datasheet HTML 18Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
LDO06C Series | 6 A DC-DC
C Class Non-Isolated DC/DC Converter
File Name: lf_ldo06c.pdf Rev: (01) 12 Apr 2006
14
30
40
50
60
70
2
3
4
5
6
AMBIENT TEMPERATURE ( C)
0.5 m/s (100 LFM)
1 m/s (200 LFM)
1.5 m/s (300 LFM)
2 m/s (400 LFM)
30
40
50
60
70
2
3
4
5
6
AMBIENT TEMPERATURE (°C)
0.5 m/s (100 LFM)
1 m/s (200 LFM)
1.5 m/s (300 LFM)
2 m/s (400 LFM)
30
40
50
60
70
2
3
4
5
6
AMBIENT TEMPERATURE (°C)
0.5 m/s (100 LFM)
1 m/s (200 LFM)
1.5 m/s (300 LFM)
2 m/s (400 LFM)
0
1
2
3
4
5
6
80
85
90
95
OUTPUT CURRENT (A)
3Vin
5Vin
8Vin
10Vin
12Vin
Figure 10: Thermal Derating Curve 3.3 Vin
Figure 11: Thermal Derating Curve 5 Vin
Figure 12: Thermal Derating Curve 12 Vin
Figure 13: Efficiency vs. Load
Figure 14: Remote On/Off
(Channel 1: Output Voltage, Channel 3: Enable)
Figure 15: Typical Output Ripple
3.3 V, 5 V and 12 V Model
2.5 V Setpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com