Electronic Components Datasheet Search
  English  ▼

X  

LDO10C Datasheet(PDF) 5 Page - Artesyn Technologies

Part # LDO10C
Description  Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C Datasheet(HTML) 5 Page - Artesyn Technologies

  LDO10C Datasheet HTML 1Page - Artesyn Technologies LDO10C Datasheet HTML 2Page - Artesyn Technologies LDO10C Datasheet HTML 3Page - Artesyn Technologies LDO10C Datasheet HTML 4Page - Artesyn Technologies LDO10C Datasheet HTML 5Page - Artesyn Technologies LDO10C Datasheet HTML 6Page - Artesyn Technologies LDO10C Datasheet HTML 7Page - Artesyn Technologies LDO10C Datasheet HTML 8Page - Artesyn Technologies LDO10C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.artesyn.com
LDO10C Series | 10 A DC-DC
C Class Non-Isolated DC-DC Converter
File Name: lf_ldo10.pdf Rev: (01) 25 Apr 2006
5
3.3 V, 5 V, 12 V Model
0.9 V Setpoint
Electrical Characteristics
- O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Nominal set-point voltage
Vo (nom)
0.891
0.9
0.909
Vdc
Vin = Vin (nom); Iout = Iout
(nom)
Line regulation
±0.2
%
Iout = Iout (nom); Vin (min) to
Vin (max)
Load regulation
±0.5
%
Vin = Vin (nom); Iout (min) to
Iout (max)
Output current - continuous
Iout
0
10.0
Adc
Minus indicates sink mode
Output current - short circuit
Isc
20.6
Apk
Continuous, unit auto recovers
Output voltage - noise
(3.3 V) 0.9 V
(5.0 V) 0.9 V
(12 V) 0.9 V
Vp-p
Vp-p
Vp-p
15
15
25
mV pk-pk
mV pk-pk
mV pk-pk
See Application Note 186 for
more information
Measurement band width
20 MHz
See Application Note 186 for
details
3.3 V, 5 V, 12 V Model
0.9 V Setpoint
Electrical Characteristics
- O/P
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Load transient response -
peak deviation
Vdynamic
100
100
mV
Peak deviation for 50% to
100% step load, di/dt =
10 A/µs
Load transient response -
recovery
Trecovery
20
µs
Settling time to within 1% of
output set-point voltage for
50% to 75% step load
External load capacitance
(3.3 V)
Cext
0
8400
µF
See Application Note 186
for output capacitance vs.
stability
3.3 V, 5 V, 12 V Model
0.9 V Setpoint
Input Characteristics
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input current - operating
(Source) (3.3 V)
(Sink) (3.3 V)
(Source) (5 V)
(Sink) (5 V)
(Source) (12 V)
(Sink) (12 V)
Iin
Iin
Iin
Iin
Iin
Iin
3.47
-2.00
2.24
-1.35
0.98
-0.55
Adc
Adc
Adc
Adc
Adc
Adc
Vin = Vin (nom); Iout = Iout
(max)
Input capacitance - internal
filter
Cinput
22
µF
Input capacitance - external
filter
Cbypass
1
µF
Recommended customer
added capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com