Electronic Components Datasheet Search
  English  ▼

X  

LDO10C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LDO10C
Description  Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C Datasheet(HTML) 3 Page - Artesyn Technologies

  LDO10C Datasheet HTML 1Page - Artesyn Technologies LDO10C Datasheet HTML 2Page - Artesyn Technologies LDO10C Datasheet HTML 3Page - Artesyn Technologies LDO10C Datasheet HTML 4Page - Artesyn Technologies LDO10C Datasheet HTML 5Page - Artesyn Technologies LDO10C Datasheet HTML 6Page - Artesyn Technologies LDO10C Datasheet HTML 7Page - Artesyn Technologies LDO10C Datasheet HTML 8Page - Artesyn Technologies LDO10C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.artesyn.com
LDO10C Series | 10 A DC-DC
C Class Non-Isolated DC-DC Converter
File Name: lf_ldo10.pdf Rev: (01) 25 Apr 2006
Signal Electrical Interface
Characteristic - Signal Name
Symbol
Min
Typ
Max
Units
Notes and Conditions
Remote ON/OFF
See Application Note 186
Control pin open circuit
voltage
3.3 V
5 V
12 V
Vih
0.61
0.92
2.2
Vdc
Iih = 0 µA; open circuit voltage
See Notes 2 and 3
High level input current
Iih
1
µA
Current flowing into control pin
when pin is pulled high (max.
at Vih = 5 V)
High level input voltage
Vih
.502
Vdc
Converter guaranteed on
when control pin is greater
than Vih (min)
Low level input voltage
Vil
0.202
Vdc
Converter guaranteed off
when control pin is less than
Vil (max)
Low level input current
3.3 V
5 V
12 V
Iil (max)
110
166
398
µA
Vil = 0 Vdc
3
Reliability and Service Life
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Mean time between failure
MTBF
Hours
MIL-HDBK-217F
Vin = Vin (nom); Iout = Iout
(max); ambient 25 ºC;
ground benign environment
Mean time between failure
MTBF
8,220,210
Hours
Telcordia SR-332
Issue 2, ground benign,
ambient 40 ºC, Vin = Vin
(nom)-Iout = Iout (max)
Other Specifications
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Switching frequency
Fsw
620
kHz
Fixed frequency
Weight
1.899/0.067
g/oz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com