Electronic Components Datasheet Search
  English  ▼

X  

LDO10C Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LDO10C
Description  Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LDO10C Datasheet(HTML) 1 Page - Artesyn Technologies

  LDO10C Datasheet HTML 1Page - Artesyn Technologies LDO10C Datasheet HTML 2Page - Artesyn Technologies LDO10C Datasheet HTML 3Page - Artesyn Technologies LDO10C Datasheet HTML 4Page - Artesyn Technologies LDO10C Datasheet HTML 5Page - Artesyn Technologies LDO10C Datasheet HTML 6Page - Artesyn Technologies LDO10C Datasheet HTML 7Page - Artesyn Technologies LDO10C Datasheet HTML 8Page - Artesyn Technologies LDO10C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
File Name: lf_ldo10.pdf Rev: (01) 25 Apr 2006
LDO10C Series | 10 A DC-DC
C Class Non-Isolated DC-DC Converter
LDO10C SERIES
Single Output
10 A current rating
Input voltage range 3.0-13.8 V
Adjustable output voltage: 0.59-5.1 V
• Optional 3-pin model factory set
• Optional 5-pin model factory set with power good option
Excellent transient reponse
Power enable (5-pin model)
Minimum airflow
Small package
Termination voltage capacity
RoHS Compliant
The LDO10C is a new high density, open
frame, non-isolated converter for space
sensitive applications. This model has a
wide input range of 3-13.8 V and offers a
0.59-5.1 V adjustable output with
10 A capability. Typical efficiency for
this model is 91% (12 Vin, 2.5 Vout, 10 A
load). The 5-pin version of this voltage
device offers the additional features
of enable, and with a default wide
adjustable out voltage range or option of
power good.
[ 2 Y E A R W A R R A N T Y ]
TÜV


Similar Part No. - LDO10C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LDO10C EMERSON-NETWORKPOWER-LDO10C Datasheet
160Kb / 4P
10 A output current rating
logo
Advanced Energy Industr...
LDO10C ADVANCEDENERGY-LDO10C Datasheet
592Kb / 6P
50 Watts
logo
Emerson Network Power
LDO10C-005W05-HJ EMERSON-NETWORKPOWER-LDO10C-005W05-HJ Datasheet
160Kb / 4P
10 A output current rating
logo
Artesyn Technologies
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
Power enable (5-pin model)
LDO10C-005W05-HJ ARTESYN-LDO10C-005W05-HJ Datasheet
748Kb / 4P
Total Power: 50 Watts
More results

Similar Description - LDO10C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
LDO03C ARTESYN-LDO03C Datasheet
833Kb / 21P
Single Output C Class Non-Isolated DC/DC Converter
LDO06C ARTESYN-LDO06C Datasheet
715Kb / 21P
Single Output 6 A DC-DC C Class Non-Isolated DC/DC Converter
SIL20C ARTESYN-SIL20C Datasheet
205Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL25C ARTESYN-SIL25C Datasheet
705Kb / 11P
Single negative output 25 A DC-DC Converter C Class Non-Isolated
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
2A Non-Isolated DC/DC Converter Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com