Electronic Components Datasheet Search
  English  ▼

X  

M3000 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # M3000
Description  Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

M3000 Datasheet(HTML) 4 Page - Artesyn Technologies

  M3000 Datasheet HTML 1Page - Artesyn Technologies M3000 Datasheet HTML 2Page - Artesyn Technologies M3000 Datasheet HTML 3Page - Artesyn Technologies M3000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. R9373263
UL1950 File No. E135734
CSA C22.2 No. 950 Bulletin No. 1402C
TÜV
EFFICIENCY V'S OUTPUT CURRENT
85
84
83
82
81
80
79
78
77
76
75
74
73
0
200
400
600
Output Current (AMPS) @ 5VDC
M-CASE
L-CASE
POWER FACTOR V'S OUTPUT CURRENT
.96
.95
.94
.93
.92
.91
.90
.89
.88
.87
.86
.85
100
200
300
400
500
600
Output Current (AMPS) @ 5VDC
M-CASE
L-CASE
TRANSIENT RESPONSE
20
18
16
14
12
10
8
6
4
2
0
0
100
200
300
400
Output Current Step (AMPS)
3000 and 4000 Watt
AC/DC high current power supplies with PFC
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
3000-4000W AC/DC
PAGE 4
http://www.artesyn.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com