Electronic Components Datasheet Search
  English  ▼

X  

M3000 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # M3000
Description  Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

M3000 Datasheet(HTML) 2 Page - Artesyn Technologies

  M3000 Datasheet HTML 1Page - Artesyn Technologies M3000 Datasheet HTML 2Page - Artesyn Technologies M3000 Datasheet HTML 3Page - Artesyn Technologies M3000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC Power Fail Signal/DC
OK Timing
AC Input Voltage
180Vrms
0V
> 10ms
> 5msec
Power Fail
DC Outputs
FIG. 5
DC Good Flag
Notes
1
Units available with 4.5V, 5.2V, 10V, 13V, 20V, 30V and 32V. Please consult
factory for further details.
2
Consult factory for any output voltage requirement up to 60VDC which is
not listed.
3
Models with ‘-26’ are single phase input; ‘-86’ indicates 3 phase input.
FIG. 1A
3
5V
Close to
Inhibit
(optional)
10
10K
FIG. 4
Return = +10%
5V = -10%
7
>10K
2.5V Nominal
FIG. 3
6
5V
Close to
Margin Low
13
5K
5K
Close to
Margin High
FIG. 2 (Ref. FIG. 5)
5V
(optional)
5V
3
5V
Close to
Enable
10
FIG. 1B
STANDARD CONTROL SIGNALS
Remote Enable
See Figure 1A
DC OK
Signal remains "Hi" as long as
(See Figures 2, 5)
output is ±5.0% of nominal
AC Good
Signal "Hi" when AC >175VAC
(See Figures 2, 5)
and "Lo" when <175VAC
Margin Hi/Lo (V1)
Switch closure allows ±5.0% change
(See Figure 3)
in output for system margin checking
Remote Adjust
The outputs may be remotely
(See Figure 4)
adjusted linearly ±10% for
system margin checking
Current Monitor
Analog signal indicates load current in
single or parallel operation. 5±0.5VDC
represents FL, resistive load 103k
Supply Fault
Overvoltage, overtemperature
indicated by 'low' signal
3000 and 4000 Watt
AC/DC high current power supplies with PFC
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES
|
3000-4000W AC/DC
PAGE 2
http://www.artesyn.com
MAX. OUTPUT
INPUT
OUTPUT
OUTPUT
MODEL
POWER
VOLTAGE (3)
VOLTAGE
CURRENT
NUMBER (3)
3000W
Single Phase
2V
600A
M3000-26-0
3000W
Single Phase
3.3V
600A
M3000-26-9
3000W
Single Phase
5V
600A
M3000-26-1
3000W
Single Phase
12V
250A
M3000-26-2
3000W
Single Phase
15V
200A
M3000-26-3
3000W
Single Phase
24V
125A
M3000-26-4
3000W
Single Phase
28V
107A
M3000-26-5
3000W
Single Phase
48V
63A
M3000-26-6
3000W
Three Phase
2V
600A
M3000-86-0
3000W
Three Phase
3.3V
600A
M3000-86-9
3000W
Three Phase
5V
600A
M3000-86-1
3000W
Three Phase
12V
250A
M3000-86-2
3000W
Three Phase
15V
200A
M3000-86-3
3000W
Three Phase
24V
125A
M3000-86-4
3000W
Three Phase
28V
107A
M3000-86-5
3000W
Three Phase
48V
63A
M3000-86-6
4000W
Three Phase
2V
800A
M4000-86-0
4000W
Three Phase
3.3V
800A
M4000-86-9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com