Electronic Components Datasheet Search
  English  ▼

X  

M3000 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # M3000
Description  Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

M3000 Datasheet(HTML) 3 Page - Artesyn Technologies

  M3000 Datasheet HTML 1Page - Artesyn Technologies M3000 Datasheet HTML 2Page - Artesyn Technologies M3000 Datasheet HTML 3Page - Artesyn Technologies M3000 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OUTPUT PIN CONNECTIONS
PIN NO.
J1
REFERENCE
1
+ Remote Sense
Note 1
2
- Remote Sense
Note 1
3
Enable
Notes 2 & 4, Fig. 1
4
DC OK Inverse (Optional)
Notes 3 & 4, Fig. 2
5
AC Good Inverse
Notes 3 & 4, Fig. 2
6
Margin High
Fig. 3
7
Remote Adjust
Fig. 4
8
Current Monitor
Note 6
9
Current Share
Note 6
10
Inhibit (Optional)
Notes 2 & 4, Fig. 1
11
DC OK
Notes 3 & 4, Fig. 2 & 5
12
AC Good
Notes 3 & 4, Fig. 2 & 5
13
Margin Low
Note 3
14
Supply Fault
Notes 5 & 6
15
- Remote Sense
Mechanical notes
A
AC connector is 4 position terminal block (#8 screws included), mating to
#8 ring tongue terminal.
B
DC output is 5/16-18 studs mating to 5/16 terminal lugs.
C J-1 signal connector is Molex 39-30-1140 or equivalent. Mating
connector is Molex 39-01-2140 or equivalent.
D
J-2 signal connector is Molex 39-01-1120 or equivalent. Mating
connector is 39-01-2120 or equivalent.
E
Signal connector contacts are Molex 39-00-0039 or equivalent.
F
Auxiliary DC output(s) are 6 position terminal block (#8 screws included)
mating to #8 ring tongue terminal.
G TB1 and J2 are not installed on single output models.
Signal Connector
15 Position D-SUB, Socket Contacts
Output Bus 0.31 X 1.00 (2)
(7.87 X 25.4 )
Pin 1
J1
ALL DIMENSIONS IN INCHES (mm)
0.90
(22.86)
13.50
(342.9)
6.75
(171.45)
AIRFLOW
8-32 X 0.19 (4.83) Deep Max.
5.75
(146.05)
1.13
(28.70)
Ø 0.257
(6.53)
x 2
Ø 0.316
(8.03)
x 2
0.25 Max.
(6.35)
Mounting
Surface
0.75
(19.05)
0.35
(8.89)
3Ø INPUT
0.91
(23.11)
1.69
(42.93)
2.69
(68.33)
5.00
(127.0)
8.00
(203.20)
0.38
(9.65)
VOLTAGE ADJ
OUTPUT GOOD
AC Input
Terminal Block
(# 8 Screws)
Output pin connector notes
1
Use 20AWG or larger twisted pair.
2
Switch on voltage must be <0.5V @ 5mA.
3
Figure 2 transistor on when signal TRUE. On voltage is <0.5V @ 5mA.
4
VCC in figures 1 and 2 is supplied internally; ground is pin 15.
5
Overvoltage and overtemperature will force fault TRUE. On voltage is
<0.5V @ 5mA.
6
All I/O signals are referenced to pin 15.
PAGE 3
3000 and 4000 Watt
AC/DC high current power supplies with PFC
3000-4000W AC/DC
|
MEDIUM TO HIGH POWER AC/DC POWER SUPPLIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com