Electronic Components Datasheet Search
  English  ▼

X  

MHP10 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # MHP10
Description  Single and dual output 10 Watt Wide input DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

MHP10 Datasheet(HTML) 1 Page - Artesyn Technologies

  MHP10 Datasheet HTML 1Page - Artesyn Technologies MHP10 Datasheet HTML 2Page - Artesyn Technologies MHP10 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OUTPUT SPECIFICATIONS
Voltage adjustability
See Note 3
±10%
Line regulation
LL to HL, all outputs
±0.1%
Load regulation
ML to FL
Single outputs
±0.1%
Dual outputs
±1.0%
Cross regulation
Asymmetrical load
5.0% max.
25% / 100% FL
Voltage accuracy
±2.0%
Minimum load
2.1V, 3.3V, 5V
50mA max.
Single 12V, 15V
80mA max.
Duals: each output
10% FL
Overshoot
At start-up
3.0% max.
Ripple and noise
20MHz bandwidth
1.5% pk-pk, max.
20mV rms
Transient response
25% load step
±10% typ. max. dev.,
0.5ms recovery
to within ±1.0%
Temperature coefficient
±0.02%/°C
Short circuit protection
Hiccup mode
Continuous
See Note 5
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
5VDC, nominal, FL
4.5 to 9VDC
12VDC nominal, FL
9 to 18VDC
24VDC nominal, FL
18 to 36VDC
48VDC nominal, FL
36 to 72VDC
Input filter
Pi filter
Input current
See table
Input reflected ripple
Single output
200mA
Dual outputs
200mA
Start-up time
500ms
MHP10 SERIES
Single and dual output
[ 2 YEAR WARRANTY ]
• 2 x 1 x 0.4 inch package
• 12.5 Watts/in3 power density
• 32 models including 3.3VDC and 2.1VDC
• Designed to meet EN60950
• Indefinite short circuit protection
• Optional remote ON/OFF
• Optional trim output
The MHP10 series of DC/DC converters, comprising 32 different models, has
been designed for a wide range of applications including communications,
industrial systems and mobile battery powered systems. Packing 10 Watts of
power into a 2 x 1 x 0.4 inch package, with efficiencies as high as 80% the
MHP10 has wide input ranges of 4.5-9VDC, 9-18VDC, 18-36VDC and 36-
72VDC and is available in both single and dual output versions. Other features
include indefinite short circuit protection with automatic recovery and remote
on/off, all of which minimize the need for external circuitry and make the MHP10
a recommended component in distributed power systems.
SPECIFICATION All specifications are typical at nominal input, full load at 25°C unless otherwise stated
PAGE 1
INPUT SPECIFICATIONS CONTINUED
Remote ON/OFF
Logic compatibility
CMOS/TTL, See Note 4
ON
3.5VDC min. or open
OFF
0.8VDC max.
GENERAL SPECIFICATIONS
Efficiency
78% typ.
Isolation voltage
Input/output
500VDC
Isolation capacitance
Input/output
1nF
Switching frequency
Fixed
200 to 275kHz
Approvals and
Safety
VDE0805, EN60950, IEC950
standards (pending)
UL1950, CSA C22.2 No. 950
Case material
Black coated, metal case
Material flammability
UL94V-0
Weight
27g (0.95oz)
MTBF
MIL-HDBK-217F
300,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-25°C to +60°C
(See derating curve)
Extended temp.,
-40°C to +60°C
option, See Note 1
Non-operating amb.
-40°C to +95°C
Case
+95°C max.
Derating
See derating curve
Cooling
Free air convection cooled
Relative humidity
Non-condensing
30% to 95%
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5Hz to 500Hz
2.5G rms (approx.)


Similar Part No. - MHP10

ManufacturerPart #DatasheetDescription
logo
I.L.M.E. S.p.A.
MHP10.20 ILME-MHP10.20 Datasheet
216Kb / 1P
ILME Multipole Connectors
logo
List of Unclassifed Man...
MHP100 ETC1-MHP100 Datasheet
876Kb / 2P
100W TO-247 HIGH POWER RESISTORS
logo
TT Electronics.
MHP100 TTELEC-MHP100 Datasheet
818Kb / 6P
100W TO247 High Power Resistors
04.12
MHP100 TTELEC-MHP100 Datasheet
876Kb / 6P
140W TO247 High Power Resistors
04.12
MHP100 100 F TTELEC-MHP100 100 F Datasheet
818Kb / 6P
100W TO247 High Power Resistors
04.12
More results

Similar Description - MHP10

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
Single and dual output 15 Watt Wide input DC/DC converters
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
Single and dual output 20 Watt Wide input DC/DC converters
NFC40 ARTESYN-NFC40 Datasheet
72Kb / 3P
Single and triple output 40 Watt Wide input DC/DC converters
SDW30 ARTESYN-SDW30 Datasheet
43Kb / 2P
Single, dual and triple output 30 Watt Wide input DC/DC converters
SHP5 ARTESYN-SHP5 Datasheet
42Kb / 3P
Single and dual output 3 to 5 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com