Electronic Components Datasheet Search
  English  ▼

X  

MHP10 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # MHP10
Description  Single and dual output 10 Watt Wide input DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

MHP10 Datasheet(HTML) 3 Page - Artesyn Technologies

  MHP10 Datasheet HTML 1Page - Artesyn Technologies MHP10 Datasheet HTML 2Page - Artesyn Technologies MHP10 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BOTTOM VIEW
Ø 0.04 Dia.
(1.02)
0.24
(6.10)
0.80
(20.30)
2.00
(50.80)
ALL DIMENSIONS IN INCHES (mm)
Tolerance
:
±0.008 (0.2) max. on pin placement
±0.02 (0.5) max. on outer dimensions
54
3
0.40
(10.20)
1.00
(25.40)
0.30
(7.60)
0.40
(10.16)
62
1
0.60
(15.20)
0.60
(15.20)
0.40
(10.20)
0.10
(2.50)
0.10
(2.50)
0.20
(5.10)
0.40
(10.20)
0.40
(10.20)
DC/DC CONVERTERS
|
10W DC
PAGE 3
10 Watt
Wide input DC/DC converters
10W DC/DC
|
DC/DC CONVERTERS
10K
Ω
TRIMPOT
TRIM
UP
TRIM
DOWN
5
4
3
5
4
3
PIN CONNECTIONS
PIN NUMBER
SINGLE OUTPUTS
DUAL OUTPUT
1
+ Input
+ Input
2
- Input
- Input
3
+ Output
+ Output
4
N.C./Trim (Option)
Common
5
- Output
- Output
6
Control (Option)
Control (Option)
EXTERNAL OUTPUT TRIMMING
Single output models can be externally trimmed
by ±10% using either method shown below.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com