Electronic Components Datasheet Search
  English  ▼

X  

MHP10 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # MHP10
Description  Single and dual output 10 Watt Wide input DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

MHP10 Datasheet(HTML) 2 Page - Artesyn Technologies

  MHP10 Datasheet HTML 1Page - Artesyn Technologies MHP10 Datasheet HTML 2Page - Artesyn Technologies MHP10 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INPUT
OUTPUT
OUTPUT
INPUT
TYPICAL
REGULATION (TYP.)
MODEL NUMBER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
EFFICIENCY
LINE
LOAD
4.5-9VDC
2.1V
2000mA
1400mA
60%
±0.1%
±0.1%
MHP10-05S2V1 (2)
4.5-9VDC
3.3V
2000mA
2095mA
63%
±0.1%
±0.1%
MHP10-0533V3 (2)
4.5-9VDC
5.0V
1400mA
2058mA
62%
±0.1%
±0.1%
MHP10-05S05 (2)
4.5-9VDC
12V
580mA
1856mA
75%
±0.1%
±0.1%
MHP10-05S12 (2)
4.5-9VDC
15V
460mA
1769mA
78%
±0.1%
±0.1%
MHP10-05S15 (2)
4.5-9VDC
±5.0V
±600mA
1764mA
68%
±0.1%
±1.0%
MHP10-05D05 (2)
4.5-9VDC
±12V
±290mA
1784mA
78%
±0.1%
±1.0%
MHP10-05D12 (2)
4.5-9VDC
±15V
±230mA
1769mA
78%
±0.1%
±1.0%
MHP10-05D15 (2)
9-18VDC
2.1V
2000mA
583mA
60%
±0.1%
±0.1%
MHP10-12S2V1
9-18VDC
3.3V
2000mA
753mA
73%
±0.1%
±0.1%
MHP10-12S3V3
9-18VDC
5.0V
2000mA
1068mA
78%
±0.1%
±0.1%
MHP10-12S05
9-18VDC
12V
800mA
1025mA
78%
±0.1%
±0.1%
MHP10-12S12
9-18VDC
15V
660mA
1068mA
78%
±0.1%
±0.1%
MHP10-12S15
9-18VDC
±5.0V
±600mA
704mA
71%
±0.1%
±1.0%
MHP10-12D05
9-18VDC
±12V
±400mA
1025mA
78%
±0.1%
±1.0%
MHP10-12D12
9-18VDC
±15V
±300mA
1068mA
78%
±0.1%
±1.0%
MHP10-12D15
18-36VDC
2.1V
2000mA
291mA
60%
±0.1%
±0.1%
MHP10-24S2V1
18-36VDC
3.3V
2000mA
376mA
73%
±0.1%
±0.1%
MHP10-24S3V3
18-36VDC
5.0V
2000mA
534mA
78%
±0.1%
±0.1%
MHP10-24S05
18-36VDC
12V
800mA
512mA
78%
±0.1%
±0.1%
MHP10-24S12
18-36VDC
15V
660mA
528mA
78%
±0.1%
±0.1%
MHP10-24S15
18-36VDC
±5.0V
±600mA
347mA
71%
±0.1%
±1.0%
MHP10-24D05
18-36VDC
±12V
±400mA
512mA
78%
±0.1%
±1.0%
MHP10-24D12
18-36VDC
±15V
±300mA
528mA
78%
±0.1%
±1.0%
MHP10-24D15
36-72VDC
2.1V
2000mA
145mA
60%
±0.1%
±0.1%
MHP10-48S2V1
36-72VDC
3.3V
2000mA
180mA
73%
±0.1%
±0.1%
MHP10-483V3
36-72VDC
5.0V
2000mA
267mA
78%
±0.1%
±0.1%
MHP10-48S05
36-72VDC
12V
800mA
256mA
78%
±0.1%
±0.1%
MHP10-48S12
36-72VDC
15V
660mA
264mA
78%
±0.1%
±0.1%
MHP10-48S15
36-72VDC
±5.0V
±600mA
176mA
77%
±0.1%
±1.0%
MHP10-48D05
36-72VDC
±12V
±400mA
256mA
78%
±0.1%
±1.0%
MHP10-48D12
36-72VDC
±15V
±300mA
264mA
78%
±0.1%
±1.0%
MHP10-48D15
0%
0
°C20°C
40
°C 60°C 80°C 100°C 120°C
-25
°C
90
°C
DERATING CURVE
Output Power (Watts)
60
°C
100%
Ambient Temperature (
°C)
Notes
1
Extended operating temperature range is available as an option. To
specify a MHP10 that operates down to -40
°C, add the suffix ‘-4’ to the
model number, e.g. MHP10-24S05-4.
2
5VDC input, max. 7 Watt output power.
3
External trimming of the output voltage is optional on the single output
units, add the suffix ‘-T’ to the end of the model number,
e.g. MHP10-05S05-T.
4
Remote on/off is available as an option, add the suffix ‘-S’ to the end of
the model number, e.g. MHP10-24D15-S.
5
5VDC in max. for 1 minute.
10 Watt
Wide input DC/DC converters
DC/DC CONVERTERS
|
10W DC/DC
PAGE 2
http://www.artesyn.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com