Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8640
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 2 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8645S/LT8646S
2
Rev. B
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV................................................................65V
PG.............................................................................42V
BIAS..........................................................................25V
FB, TR/SS . .................................................................4V
SYNC/MODE Voltage . ................................................6V
(Note 1)
LT8645S
LT8646S
LQFN PACKAGE
32-LEAD (6mm × 4mm × 0.94mm)
JEDEC BOARD: θJA = 30°C/W, ΨJT = 0.6°C/W,
θJCTOP = 28.5°C/W, θJC(PAD) = 4.4°C/W (NOTE 3)
DEMO BOARD: θJA = 17°C/W
EXPOSED PADS (PINS 33-38) ARE GND, SHOULD BE SOLDERED TO PCB
TOP VIEW
11 12 13 14 15 16
32
31 30 29 28 27
21
17
18
19
20
26
22
23
24
25
6
10
9
8
7
1
5
4
3
2
VIN
GND
GND
GND
NC
BIAS
VIN
VIN
NC
INTVCC
VIN
GND
GND
GND
NC
RT
VIN
VIN
NC
EN/UV
33
GND
34
GND
35
GND
36
GND
37
GND
38
GND
LQFN PACKAGE
32-LEAD (6mm × 4mm × 0.94mm)
JEDEC BOARD: θJA = 30°C/W, ΨJT = 0.6°C/W,
θJCTOP = 28.5°C/W, θJC(PAD) = 4.4°C/W (NOTE 3)
DEMO BOARD: θJA = 17°C/W
EXPOSED PADS (PINS 33-38) ARE GND, SHOULD BE SOLDERED TO PCB
TOP VIEW
11 12 13 14 15 16
32
31 30 29 28 27
21
17
18
19
20
26
22
23
24
25
6
10
9
8
7
1
5
4
3
2
VIN
GND
GND
GND
NC
BIAS
VIN
VIN
NC
INTVCC
VIN
GND
GND
GND
NC
RT
VIN
VIN
NC
EN/UV
33
GND
34
GND
35
GND
36
GND
37
GND
38
GND
Operating Junction Temperature Range (Note 2)
LT8645SE/LT8646SE......................... –40°C to 125°C
LT8645SI/LT8646SI........................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com