Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8640
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8645S/LT8646S
21
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
rating of the inductor must be higher than the load current
plus 1/2 of in inductor ripple current:
IL(PEAK) = ILOAD(MAX) +
1
2
ΔIL
(7)
where ∆IL is the inductor ripple current as calculated in
Equation 9 and ILOAD(MAX) is the maximum output load
for a given application.
As a quick example, an application requiring 2A output
should use an inductor with an RMS rating of greater than
2A and an ISAT of greater than 3A. During long duration
overload or short-circuit conditions, the inductor RMS
rating requirement is greater to avoid overheating of the
inductor. To keep the efficiency high, the series resistance
(DCR) should be less than 0.02Ω, and the core material
should be intended for high frequency applications.
The LT8645S/LT8646S limits the peak switch current in
ordertoprotecttheswitchesandthesystemfromoverload
faults. The top switch current limit (ILIM) is 14A at low duty
cycles and decreases linearly to 11.5A at DC = 0.9. The
inductorvaluemustthenbesufficienttosupplythedesired
maximum output current (IOUT(MAX)), which is a function
of the switch current limit (ILIM) and the ripple current.
IOUT(MAX) = ILIM –
ΔIL
2
(8)
The peak-to-peak ripple current in the inductor can be
calculated as follows:
ΔIL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
(9)
where fSW is the switching frequency of the LT8645S/
LT8646S, and L is the value of the inductor. Therefore, the
maximum output current that the LT8645S/LT8646S will
deliver depends on the switch current limit, the inductor
value, and the input and output voltages. The inductor
value may have to be increased if the inductor ripple cur-
rent does not allow sufficient maximum output current
(IOUT(MAX)) given the switching frequency, and maximum
input voltage used in the desired application.
When operating at high VIN (greater than 40V) and at a
frequency and duty cycle that would require a switch on-
time of less than 100ns, choose an inductor such that the
∆IL is greater than 1.5A in order to prevent duty cycle jitter.
Inordertoachievehigherlightloadefficiency,moreenergy
must be delivered to the output during the single small
pulses in Burst Mode operation such that the LT8645S/
LT8646Scanstayinsleepmodelongerbetweeneachpulse.
This can be achieved by using a larger value inductor (i.e.,
4.7µH), and should be considered independent of switch-
ing frequency when choosing an inductor. For example,
while a lower inductor value would typically be used for
a high switching frequency application, if high light load
efficiency is desired, a higher inductor value should be
chosen.SeecurveinTypicalPerformanceCharacteristics.
The optimum inductor for a given application may differ
from the one indicated by this design guide. A larger
value inductor provides a higher maximum load current
and reduces the output voltage ripple. For applications
requiring smaller load currents, the value of the inductor
may be lower and the LT8645S/LT8646S may operate
with higher ripple current. This allows use of a physically
smaller inductor, or one with a lower DCR resulting in
higher efficiency. Be aware that low inductance may result
in discontinuous mode operation, which further reduces
maximum load current.
For more information about maximum output current and
discontinuous operation, see Analog Devices’ Application
Note 44.
For duty cycles greater than 50% (VOUT/VIN > 0.5), a
minimum inductance is required to avoid subharmonic
oscillation (See Equation 10). See Application Note 19
for more details.
LMIN =
VIN(2 •DC – 1)
3 • fSW
(10)
where DC is the duty cycle ratio (VOUT/VIN) and fSW is the
switching frequency.
Input Capacitors
The VIN of the LT8645S/LT8646S should be bypassed
with at least three ceramic capacitors for best perfor-
mance. Two small ceramic capacitors of 0.47µF can be
placed close to the part; one on each side of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com