Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8640
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 3 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LT8645S/LT8646S
3
Rev. B
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ORDER INFORMATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.0
3.4
V
VIN Quiescent Current in Shutdown
VEN/UV = 0V
l
0.9
0.9
3
10
µA
µA
LT8645S VIN Quiescent Current in Sleep
(Internal Compensation)
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V
l
1.7
1.7
4
10
µA
µA
LT8646S VIN Quiescent Current in Sleep
(External Compensation)
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 0V
l
230
230
290
340
µA
µA
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 5V
16
25
µA
LT8646S BIAS Quiescent Current in Sleep
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 5V
200
260
µA
LT8645S VIN Quiescent Current when Active VEN/UV = 2V, VFB > 0.97V, VSYNC = 2V, RT = 60.4k, VBIAS = 0V
0.4
0.6
mA
LT8646S VIN Quiescent Current when Active VEN/UV = 2V, VFB > 0.97V, VSYNC = 2V, RT = 60.4k, VBIAS = 0V
0.6
0.8
mA
LT8645S VIN Current in Regulation
VOUT = 0.97V, VIN = 6V, ILOAD = 100µA, VSYNC = 0V
VOUT = 0.97V, VIN = 6V, ILOAD = 1mA, VSYNC = 0V
l
l
17
200
60
400
µA
µA
Feedback Reference Voltage
VIN = 6V
VIN = 6V
l
0.964
0.958
0.970
0.970
0.976
0.982
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 42V
l
0.004
0.025
%/V
Feedback Pin Input Current
VFB = 1V
–20
20
nA
LT8646S Error Amp Transconductance
VC = 1.25V
1.7
mS
LT8646S Error Amp Gain
350
V/V
LT8646S VC Source Current
VFB = 0.77V, VC = 1.25V
350
µA
LT8646S VC Sink Current
VFB = 1.17V, VC = 1.25V
350
µA
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE TYPE***
MSL
RATING
TEMPERATURE RANGE
LT8645SEV#PBF
8645SV
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8645SIV#PBF
LT8646SEV#PBF
8646SV
LT8646SIV#PBF
AUTOMOTIVE PRODUCTS**
LT8645SEV#WPBF
8645SV
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8645SIV#WPBF
LT8646SEV#WPBF
8646SV
LT8646SIV#WPBF
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
Parts ending with PBF are RoHS and WEEE compliant. ***The LT8645S/LT8646S package has the same footprint as a standard 6mm × 4mm QFN Package.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com