Electronic Components Datasheet Search
  English  ▼

X  

FR02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FR02
Description  dip rotary switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FR02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FR02 Datasheet HTML 1Page - List of Unclassifed Manufacturers FR02 Datasheet HTML 2Page - List of Unclassifed Manufacturers FR02 Datasheet HTML 3Page - List of Unclassifed Manufacturers FR02 Datasheet HTML 4Page - List of Unclassifed Manufacturers FR02 Datasheet HTML 5Page - List of Unclassifed Manufacturers FR02 Datasheet HTML 6Page - List of Unclassifed Manufacturers FR02 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
583
新商品
トグル
ロッカ
押ボタン
照光式押ボタン
多機能押ボタン
非常停止
ユニバーサル
デ
ザ
イ
ン
キーロック
ロータリ
スライド
タクティル
傾
 
斜
タッチパネル
シートキーボード
表示灯
規格品
付属品
取扱説明
ご使用の際には「安全に関するご注意」A-9ページ,「取扱い説明」D-1ページ~をご確認ください。
シリーズ
特長・共通仕様
バリエーション・形名体系
フラットタイプ
ツマミタイプ
包装形態・取扱い説明
584
585
586
587
588〜589
原寸大
ディップロータリスイッチ
FR02


Similar Part No. - FR02

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Japan Aviation Electron...
FR02 JAE-FR02 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
logo
First Components Intern...
FR02-25 FCI-FR02-25 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
RFE international
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - FR02

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
Rotary DIP Switch
logo
E-SWITCH
RDT E-SWITCH-RDT Datasheet
1Mb / 5P
Rotary Dip Switch
logo
Tyco Electronics
5-1825033-1 MACOM-5-1825033-1 Datasheet
219Kb / 2P
ROTARY DIP SWITCH
logo
CUI INC
RDS-74R45A-508 CUI-RDS-74R45A-508 Datasheet
382Kb / 4P
ROTARY DIP SWITCH
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
ROTARY DIP SWITCH
RDS-74R-508 CUI-RDS-74R-508 Datasheet
380Kb / 4P
ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
ROTARY DIP SWITCH
RDS-1045-SMT CUI-RDS-1045-SMT Datasheet
393Kb / 5P
ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
ROTARY DIP SWITCH
RDS-7229-ASMT CUI-RDS-7229-ASMT Datasheet
777Kb / 8P
ROTARY DIP SWITCH
12/11/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com