Electronic Components Datasheet Search
  English  ▼

X  

CLC020 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC020
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC020 Datasheet HTML 1Page - National Semiconductor (TI) CLC020 Datasheet HTML 2Page - National Semiconductor (TI) CLC020 Datasheet HTML 3Page - National Semiconductor (TI) CLC020 Datasheet HTML 4Page - National Semiconductor (TI) CLC020 Datasheet HTML 5Page - National Semiconductor (TI) CLC020 Datasheet HTML 6Page - National Semiconductor (TI) CLC020 Datasheet HTML 7Page - National Semiconductor (TI) CLC020 Datasheet HTML 8Page - National Semiconductor (TI) CLC020 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD−VSS)
6.0V
CMOS/TTL Input Voltage (V
I)
−0.5V to (V
DD + 0.5V)
CMOS/TTL Output Voltage (V
O)
−0.5V to (V
DD + 0.5V)
CMOS/TTL Input Current (single input)
V
I =VSS −0.5V
−5 mA
V
I =VDD +0.5V
+5 mA
Input Current, Other Inputs
±1mA
CMOS/TTL Output Source/Sink Current
±10 mA
SDO Output Source Current
20 mA
Package Thermal Resistance
θ
JA 28-lead PLCC
85˚C/W
θ
JC 28-lead PLCC
35˚C/W
Storage Temp. Range
−65˚C to +150˚C
Junction Temperature
+150˚C
Lead Temperature (Soldering 4 Sec)
+260˚C
ESD Rating (HBM)
>2.5 kV
ESD Rating (MM)
>200 V
Transistor Count
33,400
Recommended Operating
Conditions
Supply Voltage (V
DD−VSS)
5.0V ±10%
CMOS/TTL Input Voltage
V
SS to VDD
P
CLK Frequency Range
10 to 40MHz
P
CLK Duty Cycle
45 to 55%
D
N and PCLK Rise/Fall Time
1.0 to 3.0 ns
Maximum DC Bias on SDO pins
3.0V ±10%
Operating Free Air Temperature (T
A)
0˚C to +70˚C
DC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Notes 2, 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
V
IH
Input Voltage High Level
D0 through D9,
P
CLK, TPG_EN
and Sync.
Detect Enable
2.0
V
DD
V
V
IL
Input Voltage Low Level
V
SS
0.8
V
I
IH
Input Current High Level
V
IH =VDD
+40
+60
µA
I
IL
Input Current Low Level
V
IL =VSS
-1
-20
µA
V
OH
CMOS Output Voltage
High Level
I
OH = −10 mA
Lock Detect,
Test Out
2.4
4.7
V
DD
V
V
OL
CMOS Output Voltage
Low Level
I
OL = +10 mA
0.0
0.3
V
SS + 0.5V
V
V
SDO
Serial Driver Output
Voltage
R
L =75
Ω 1%,
R
REF = 1.69 k
Ω 1%,
Figure 2
SDO, SDO
700
800
900
mV
P-P
I
DD
Power Supply Current,
Total
R
L =75
Ω 1%,
R
REF = 1.69 k
Ω 1%,
P
CLK = 27 MHz, Figure 2,
NTSC Colour Bar Pattern
47
60
mA
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (Note 3).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BR
SDO
Serial data rate
R
L =75
Ω, AC coupled, (Note 5)
SDO, SDO
100
400
Mbps
F
PCLK
Reference Clock
Input Frequency
P
CLK
10
40
MHz
Reference Clock Duty
Cycle
P
CLK
45
50
55
%
t
r,tf
Rise time, Fall time
10%–90%
D
N,PCLK
1.0
1.5
3.0
ns
t
j
Serial output jitter
270 Mbps,Figure 2, (Note 6)
SDO, SDO
220
ps
P-P
t
jit
Serial output jitter
(Notes 4, 5)
100
200
ps
P-P
t
r,tf
Rise time, Fall time
20%–80%, (Notes 4, 5)
500
800
1500
ps
Output overshoot
1%
t
LOCK
Lock time
270 Mbps, (Notes 5, 7)
75
µs
t
SU
Setup time
Figure 3
D
N to PCLK
32
ns
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com