Electronic Components Datasheet Search
  English  ▼

X  

CLC020 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC020
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC020 Datasheet HTML 5Page - National Semiconductor (TI) CLC020 Datasheet HTML 6Page - National Semiconductor (TI) CLC020 Datasheet HTML 7Page - National Semiconductor (TI) CLC020 Datasheet HTML 8Page - National Semiconductor (TI) CLC020 Datasheet HTML 9Page - National Semiconductor (TI) CLC020 Datasheet HTML 10Page - National Semiconductor (TI) CLC020 Datasheet HTML 11Page - National Semiconductor (TI) CLC020 Datasheet HTML 12Page - National Semiconductor (TI) CLC020 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Pin Descriptions
Pin #
Name
Description
1V
DD
Positive power supply input (digital logic)
2V
DD
Positive power supply input (digital logic)
3
D0
Parallel data input/Test pattern select (LSB)
4
D1
Parallel data input/Test pattern select
5
D2
Parallel data input/Test pattern select
6
D3
Parallel data input/Test pattern select (MSB)
7
D4
Parallel data input
8
D5
Parallel data input
9
D6
Parallel data input
10
D7
Parallel data input
11
D8
Parallel data input
12
D9
Parallel data input
13
PCLK
Parallel clock input
14
Lock Detect
VCO Lock Detect output (high-true)
15
V
SSO
Negative power supply input (PLL supply)
16
V
DDO
Positive power supply input (PLL supply)
17
TPG_EN
Test Pattern Generator (TPG) Enable input (high-true)
18
V
SSOD
Negative power supply input (PLL digital supply)
19
R
REF
Output driver level control
20
V
DDOD
Positive power supply input (PLL digital supply)
21
V
SSSD
Negative power supply input (Output driver)
22
SDO
Serial data true output
23
SDO
Serial data complement output
24
V
DDSD
Positive power supply input (Output driver)
25
Sync Detect Enable
Parallel data sync detection enable input (low true)
26
Test_Out
BIST Pass/Fail output
27
V
SS
Negative power supply input (digital logic)
28
V
SS
Negative power supply input (digital logic)
Note: All CMOS/TTL inputs have internal pull-down devices.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com