Electronic Components Datasheet Search
  English  ▼

X  

CLC020 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC020
Description  SMPTE 259M Digital Video Serializer with Integrated Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC020 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC020 Datasheet HTML 7Page - National Semiconductor (TI) CLC020 Datasheet HTML 8Page - National Semiconductor (TI) CLC020 Datasheet HTML 9Page - National Semiconductor (TI) CLC020 Datasheet HTML 10Page - National Semiconductor (TI) CLC020 Datasheet HTML 11Page - National Semiconductor (TI) CLC020 Datasheet HTML 12Page - National Semiconductor (TI) CLC020 Datasheet HTML 13Page - National Semiconductor (TI) CLC020 Datasheet HTML 14Page - National Semiconductor (TI) CLC020 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
is ground). Configure the SD020EVK to operate in the NTSC
colour bars, BIST mode. Configure the VM700T to make the
jitter measurement in the jitter FFT mode at the frame rate
with 1kHz filter bandwidth and Hanning window. Configure
the setup as shown in Figure 9. Switch the test equipment on
(from standby mode) and allow all equipment temperatures
stabilize per manufacturer’s recommendation. Measure the
jitter value after allowing the instrument’s reading to stabilize
(about 1 minute). Consult the VM700T Video Measurement
Set Option 1S Serial Digital Measurements User Manual
(document number 071-0074-00) for details of equipment
operation.
The VM700T measurement system’s jitter floor specification
at 270Mbps is given as 200ps ±20% (100ps ±5% typical) of
actual components from 50Hz to 1MHz and 200ps +60%,
-30% of actual components from 1MHz to 10MHz. To obtain
the actual residual jitter of the CLC020, a root-sum-square
adjustment of the jitter reading must be made to compensate
for the measurement system’s jitter floor specification. For
example, if the jitter reading is 250ps, the CLC020 residual
jitter is the square root of (250
2 − 2002) = 150ps. The
accuracy limits of the reading as given above apply.
10091710
FIGURE 9. Jitter Test Circuit
10091713
FIGURE 10. ECL-to-TTL/CMOS level converter/amplifer
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com