Electronic Components Datasheet Search
  English  ▼

X  

992 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 992
Description  DT400H ARINC 429 DATABUS Analyzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

992 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  992 Datasheet HTML 1Page - List of Unclassifed Manufacturers 992 Datasheet HTML 2Page - List of Unclassifed Manufacturers 992 Datasheet HTML 3Page - List of Unclassifed Manufacturers 992 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENERAL SPECIFICATIONS
RECEIVER OPERATION
Ports
2
Bus Frequency
12-14.5 kHz or 100 kHz (selectable)
Input Levels
+ 6.5 VDC to + 13.5 VDC (A to B)
Input Impedance
12.0 Kohms
Word Update
1 ms to 10 sec, update rate displayed as instantaneous, min or max
value
Display Format
Engineering units with pre-stored scaling based on equipment IDs,
hexadecimal (full or data field); binary (full or data field); user defined;
graphic plots; or ASCII character
Maximum Words
256 per SDI per channel
Bus Activity Monitor
Monitors loss of individual words; sensitivity selectable
Real-time Download/Conversion
RS-232C or 12-bit DAC port
TRANSMITTER OPERATION
Ports
Single
Bus Frequency
12.5 kHz or 100 kHz
Output Levels
+ 10.0 VDC (A to B)
Output Impedance
75 ohms
Word Update
1 ms to 10 sec (selectable)
Burst Mode
01 to 99 burst output at selectable rate
Display Format
Engineering units with pre-stored scaling based on
equipment IDs, hexadecimal (full or data field); binary (full
or data field); user defined; or ASCII character
Maximum Words
128 per channel
Transmit Word Gap
4 bits
Dynamic Transmit
Repeat pattern of ramps and flat segments. Levels programmable
between + full scale and segment times or 0 to 999.999 sec
BREAKPOINT OPERATION
Label Sequence
A, B, A or B, A then B, B then A
Data Conditions
EQ, NEQ, OR, GT, LT, /GT/, /LT/
Event Count
1 to 99 before break
History
Up to 24,540 words in a programmable window about the breakpoint;
selectable time stamp
Trigger Pulse
5V, 0.02 ms
RECORD OPERATION
Channels
Up to 16 selectable labels
Sample Interval
1 ms to 10 sec (selectable)
Record Capacity
120 Kbytes (e.g., 8.5 hours of single label at 1/sec)
Playback Options
Graphic plots, data lists, DAC, RS-232C Bite Operation
BITE Formats
Compatible with distributed and centralized BITE concept used on
747-400, 737-300, MD-11, A320, A330, and A340 aircraft
Menu Display
Standard 14-line x 24-character menu with selectable menu choices
Simulation
Select NULL, DC1, DC2, or DC4 command outputs to simulate various
flight phases
Maintenance Words
Displays 350/351 label maintenance bits. Bit status along with pre-
stored text presented
Recording Feature
Save up to 240 BITE screens for later viewing or downloading
Reference
ARINC 429-15; Boeing labels for AVM, EIS, FSEU, EICAS, and FQIS
Power Requirements
110 or 220 VAC, 50-400 Hz AC adapter, internal NiCad battery
PHYSICAL CHARACTERISTICS
Weight
3.5 lbs. (1.6 kg)
Size
6.3" x 9.75" x 2" (16 cm x 24.75 cm x 5 cm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com