Electronic Components Datasheet Search
  English  ▼

X  

992 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 992
Description  DT400H ARINC 429 DATABUS Analyzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

992 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  992 Datasheet HTML 1Page - List of Unclassifed Manufacturers 992 Datasheet HTML 2Page - List of Unclassifed Manufacturers 992 Datasheet HTML 3Page - List of Unclassifed Manufacturers 992 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the ver y latest specifications visit
w w w.aeroflex.com
VERSIONS, OPTIONS AND ACCESSORIES
When ordering please quote the full ordering number information.
Ordering
Numbers
Versions
991
DT400H-00-110 ARINC 429 databus analyzer
992
DT400H-01-110 ARINC 429 databus analyzer w/
Williamsburg Protocol
Standard Accessories
11293
Battery charger 110 V
11294
Battery charger 230 V
60492
Prog Disk RS Read
11987
Carrying case
3573
Operations manual
58225
R5232 cable DT400
Optional Accessories
60493
ACPCMGR-400 Software support for DT400/
DT400H
Extended Warranty
84381
WDTRC/203C extended standard warranty 36
months with scheduled calibration
84382
WDTRC/205C extended standard warranty 60
months with scheduled calibration



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com