Electronic Components Datasheet Search
  English  ▼

X  

992 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 992
Description  DT400H ARINC 429 DATABUS Analyzer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

992 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  992 Datasheet HTML 1Page - List of Unclassifed Manufacturers 992 Datasheet HTML 2Page - List of Unclassifed Manufacturers 992 Datasheet HTML 3Page - List of Unclassifed Manufacturers 992 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For the ver y latest specifications visit
w w w.aeroflex.com
A powerful performer in one small hand-held box
Avionics
DT400H ARINC 429 DATABUSAnalyzer
•
Lightweight, hand-held unit
•
16-line, backlit display
•
User-friendly operation
•
Record up to 240 screens for later down-
load to PC/printer
•
Many labels displayed simultaneously
•
Fully compatible with all other DATATRAC
test equipment and PC-based support
programs
•
Proven reliability!
The DT400H is a hand-held databus analyzer
providing
powerful
capabilities
in
a
lightweight, durable unit you can pack in a
briefcase or carry to the flight line.
This miniaturized version of the DT400 provides the same mature,
field-proven features including breakpoint troubleshooting mode,
16-label recorder, 128-label transmitter, RS-232C port, D/A
conversion, Williamsburg protocol analyzer and much more.
The LCD display is backlit for easy viewing anywhere, and batteries
permit over six hours of operation between recharges.
Advantages of the large display screen include:
• Bite Messages - User-friendly operation is only possible when the
display screen can show complete setup menus and help screens.
The 16-line display easily accommodates the ARINC 604 normal
or interactive mode formats.
Also, 350-label maintenance
information can be read using a pre-stored database for 700 series
equipment. Record up to 240 screens for later download to a
PC/printer. The BITE mode supports systems on the 737-300,
747-400, MD-11, and A320/330/340.
• Many labels simultaneously displayed - Data from two buses can
be displayed in nine formats: hex, binary, ASCII, engineering
units, user programmed, etc. Database conforms to 429-15 and
includes Boeing labels for AVM, EIS, EICAS, FSEU, and FQIS.


Similar Part No. - 992

ManufacturerPart #DatasheetDescription
logo
Anderson Power Products...
992 APP-992 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
992 APP-992 Datasheet
1,004Kb / 7P
SB® 50 Connectors Up to 120 amps
992 APP-992 Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
logo
Adafruit Industries
992 ADAFRUIT-992 Datasheet
259Kb / 2P
MPL115A2 - I2C Barometric Pressure/Temperature Sensor
7/23/2015
logo
Anderson Power Products...
992-BK APP-992-BK Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
More results

Similar Description - 992

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585 Datasheet
132Kb / 7P
ARINC 429 LIN DRIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
ARINC 429 LINE RECEIVER
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
ARINC 429 LINE DRIVER
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
ARINC 429 LINE RECEIVER
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
ARINC 429 Line Driver
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
ARINC 429 Line Receiver
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com