Electronic Components Datasheet Search
  English  ▼

X  

LD511 Datasheet(PDF) 2 Page - Gennum Corporation

Part # LD511
Description  Class A Compression Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LD511 Datasheet(HTML) 2 Page - Gennum Corporation

  LD511 Datasheet HTML 1Page - Gennum Corporation LD511 Datasheet HTML 2Page - Gennum Corporation LD511 Datasheet HTML 3Page - Gennum Corporation LD511 Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
500 - 32 - 11
V
B
V
REG
C
AGC
A IN
A OUT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE/UNITS
Supply Voltage
2.4 V DC
Power Dissipation
25 mW
Operating Temperature Range
-10
°C to 40° C
Storage Temperature Range
-20
°C to 70° C
PIN CONNECTION
AGC
GND
B OUT
R
E
B IN
5
10
1
6
Fig. 1 Test Circuit
56
27K
3.9K
56K
V2
RS
50
10
2.2
CS
0.047
15
0.0047
S1
Hammond
99966
RL
600
VOUT
VB=1.3 VDC
RB
4.7
ITRANS
0.033
VOLTAGE
REGULATOR
RECTIFIER
- B
10K
35K
7
9
84
2
5
3
6
1
10
IAMP
- A
RE
20K
0.068
CAUTION
CLASS 1 ESD SENSITIVITY
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
COMPRESSION INACTIVE (S1 OPEN)
Gain
AV
60
64
68
dB
Input Referred Noise
IRN
NFB 0.2 - 10kHz at 12 dB/oct
-
2.0
4.0
µV
Total Harmonic Distortion
THD
-
1
3
%
Amplifier Current
IAMP
-
0.4
0.6
mA
Transducer Current
ITRANS
1.35
1.6
2.0
mA
Input Impedance
RIN
-15
-
k
Ω
Regulated Voltage
VREG
0.90
0.96
1.0
VDC
On Chip Emitter Resistance
RE
-
500
-
Ω
Emitter Bias Voltage (pin 2)
VRE
-27
-
mV
COMPRESSION ACTIVE (S1 CLOSED)
Compression Range
-
∞
-dB
Total Harmonic Distortion
THDCOMP
V2 = 1 mV
-
4.0
7.0
%
Attack Time
TATT
V2 switched from 112µV to 2 mV
-
7
-
ms
Release Time
TREL
-40
-
ms
Compression Output
VCOMPOUT
V2 = 1 mV
-
0.10
0.18
VRMS
Compression Output Change
∆VCOMPOUT
V2 = 120 mV; Note 1
-
13
20
mVRMS
ELECTRICAL CHARACTERISTICS
Conditions: Frequency = 1 kHz, Temperature = 25
°C, Supply Voltage V
B
= 1.3 VDC
All parameters and switches remain as shown in Test Circuit unless otherwise stated in CONDITIONS column
Notes:
1.
∆V
COMPOUT
= V
OUT
[V
2
=120mV] - V
COMPOUT
All resistors in ohms, all capacitors in farads unless otherwise stated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com