Electronic Components Datasheet Search
  English  ▼

X  

LD511 Datasheet(PDF) 3 Page - Gennum Corporation

Part # LD511
Description  Class A Compression Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LD511 Datasheet(HTML) 3 Page - Gennum Corporation

  LD511 Datasheet HTML 1Page - Gennum Corporation LD511 Datasheet HTML 2Page - Gennum Corporation LD511 Datasheet HTML 3Page - Gennum Corporation LD511 Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
500 - 32 - 11
2.2
0.0047
VB=1.3 VDC
VOLTAGE
REGULATOR
RECTIFIER
7
9
84
2
5
3
6
1
10
0.1
10
RVC
10K
0.1
1.0
EP3075
0.1
MPO
50K
RTH
100K
20K
- A
- B
RE
10K
35K
80
15K
10K
32K
3.2K
500
20K
4
2
3
6
10
7
9
8
5
1
2.2
4.7n
VB=1.3 VDC
- A
RECTIFIER
- B
7
9
8
42
5
3
6
1
10
0.1
10
RVC
10K
0.1
ED1913
0.068
RTH
100K
20K
RE
47
VOLTAGE
REGULATOR
10K
35K
Fig. 2 Functional Schematic
Fig. 3 LD511 Stand Alone Application Circuit
Fig. 4 LD511/Class D Application Circuit
All resistors in ohms, all capacitors
in farads unless otherwise stated
All resistors in ohms, all capacitors
in farads unless otherwise stated
All resistors in ohms, all capacitors
in farads unless otherwise stated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com