Electronic Components Datasheet Search
  English  ▼

X  

LD511 Datasheet(PDF) 4 Page - Gennum Corporation

Part # LD511
Description  Class A Compression Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

LD511 Datasheet(HTML) 4 Page - Gennum Corporation

  LD511 Datasheet HTML 1Page - Gennum Corporation LD511 Datasheet HTML 2Page - Gennum Corporation LD511 Datasheet HTML 3Page - Gennum Corporation LD511 Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
500 - 32 - 11
4
2
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
Fig. 8 Regulator Voltage vs Battery Voltage
RTH = ∞
BATTERY RESISTANCE (
Ω)
Fig. 5 Voltage Gain vs Battery Resistance
BATTERY VOLTAGE (V)
Fig. 7 Total Current vs Battery Voltage
INPUT VOLTAGE (mV)
BATTERY VOLTAGE (V)
Fig. 6 Voltage Gain vs Battery Voltage
RTH = 200k
RTH = 100k
RTH = 0k
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
10
20
30
40
50
60
70
80
90
100
0
-0.1
-0.2
-0.3
-0.4
-0.5
2.5
2.0
1.5
1.0
0.5
0
0.01
0.1
1.0
10
100
1000
500
200
100
50
20
10
5
2
Fig. 9 Threshold Adjustment
FREQUENCY (Hz)
0.9
1.1
1.3
1.5
1.7
BATTERY VOLTAGE (V)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
63
62
61
60
59
58
0.95
0.93
0.91
0.89
0.87
0.85
20
20k
CS = 47nF
CS = 10nF
CS = 6.8nF
CS = 22nF
Fig. 10 Frequency Response at Various
CS Values
DOCUMENT IDENTIFICATION:
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in
order to provide the best product possible.
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright November 1980 Gennum Corporation.
All rights reserved.
Printed in Canada.
REVISION NOTES:
Changes to standard packaging information
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax +1 (905) 632-2814
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku, Tokyo 168-0081,
Japan
Tel. +81 (3) 3334-7700 Fax: +81 (3) 3247-8839



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com