Electronic Components Datasheet Search
  English  ▼

X  

TL494C Datasheet(PDF) 16 Page - Texas Instruments

Part # TL494C
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494C Datasheet(HTML) 16 Page - Texas Instruments

Back Button TL494C Datasheet HTML 12Page - Texas Instruments TL494C Datasheet HTML 13Page - Texas Instruments TL494C Datasheet HTML 14Page - Texas Instruments TL494C Datasheet HTML 15Page - Texas Instruments TL494C Datasheet HTML 16Page - Texas Instruments TL494C Datasheet HTML 17Page - Texas Instruments TL494C Datasheet HTML 18Page - Texas Instruments TL494C Datasheet HTML 19Page - Texas Instruments TL494C Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
TL494
Pin 4 Voltage
PWM Output
Oscillator Ramp Voltage
ton
RT
C2
+5 V
0.1 V
Osc
R6
14
5
4
7
Oscillator Ramp
+
Figure 10-5. Soft-Start Circuit
The soft-start circuit allows the pulse width at the output to increase slowly (see Figure 10-5) by applying a
negative slope waveform to the dead-time control input (pin 4).
Initially, capacitor C2 forces the dead-time control input to follow the 5-V regulator, which disables the outputs
(100% dead time). As the capacitor charges through R6, the output pulse width slowly increases until the control
loop takes command. With a resistor ratio of 1:10 for R6 and R7, the voltage at pin 4 after start-up is 0.1 × 5 V, or
0.5 V.
The soft-start time generally is in the range of 25 to 100 clock cycles. If 50 clock cycles at a 20-kHz switching
rate is selected, the soft-start time is:
1
1
t
50 sper clock cycle
f
20kHz
=
=
=
m
(12)
The value of the capacitor then is determined by:
soft
start time
50 s 50 cycles
C2
2.5 F
R6
1 k
-
m ´
=
=
=
m
W
(13)
This helps eliminate any false signals that might be created by the control circuit as power is applied.
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com