Electronic Components Datasheet Search
  English  ▼

X  

TL494C Datasheet(PDF) 18 Page - Texas Instruments

Part # TL494C
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494C Datasheet(HTML) 18 Page - Texas Instruments

Back Button TL494C Datasheet HTML 14Page - Texas Instruments TL494C Datasheet HTML 15Page - Texas Instruments TL494C Datasheet HTML 16Page - Texas Instruments TL494C Datasheet HTML 17Page - Texas Instruments TL494C Datasheet HTML 18Page - Texas Instruments TL494C Datasheet HTML 19Page - Texas Instruments TL494C Datasheet HTML 20Page - Texas Instruments TL494C Datasheet HTML 21Page - Texas Instruments TL494C Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
NTE331
TL494
Control
Q2
11
10
9
Q1
NTE153
32 V
8
R10
270 W
R12
30 W
R11
100 W
I
O
L
I
10.8 A
2
D
+
=
Figure 10-7. Power-Switch Section
The hybrid Darlington circuit must be saturated at a maximum output current of IO + ΔIL/2 or 10.8 A. The
Darlington hFE at 10.8 A must be high enough not to exceed the 250-mA maximum output collector current of the
TL494. Based on published NTE153 and NTE331 specifications, the required power-switch minimum drive was
calculated by Equation 16 through Equation 18 to be 144 mA:
FE
C
h
(Q1) at I of 3 A
15
=
(16)
FE
C
h
(Q2) at I of 10.0 A
5
=
(17)
L
O
B
FE
FE
I
I
2
i
144mA
h
(Q2) h
(Q1)
+
³
³
´
(18)
The value of R10 was calculated by:
[
]
I
BE
CE
B
V
V
(Q1)
V
(TL494)
32 (1.5
0.7)
R10
i
0.144
R10
207
-
+
-
+
£
=
£
W
(19)
Based on these calculations, the nearest standard resistor value of 220 Ω was selected for R10. Resistors R11
and R12 permit the discharge of carriers in switching transistors when they are turned off.
The power supply described demonstrates the flexibility of the TL494 PWM control circuit. This power-supply
design demonstrates many of the power-supply control methods provided by the TL494, as well as the versatility
of the control circuit.
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com