Electronic Components Datasheet Search
  English  ▼

X  

TL494C Datasheet(PDF) 17 Page - Texas Instruments

Part # TL494C
Description  Pulse-Width-Modulation Control Circuits
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494C Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL494C Datasheet HTML 13Page - Texas Instruments TL494C Datasheet HTML 14Page - Texas Instruments TL494C Datasheet HTML 15Page - Texas Instruments TL494C Datasheet HTML 16Page - Texas Instruments TL494C Datasheet HTML 17Page - Texas Instruments TL494C Datasheet HTML 18Page - Texas Instruments TL494C Datasheet HTML 19Page - Texas Instruments TL494C Datasheet HTML 20Page - Texas Instruments TL494C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
10.2.2.3 Inductor Calculations
The switching circuit used is shown in Figure 39.
R1
C1
D1
S1
L
VO
VI
Figure 10-6. Switching Circuit
The size of the inductor (L) required is:
d
= duty cycle = VO/VI = 5 V/32 V = 0.156
f
= 20 kHz (design objective)
ton
= time on (S1 closed) = (1/f) × d = 7.8 μs
toff
= time off (S1 open) = (1/f) – ton = 42.2 μs
L
≉ (VI – VO ) × ton/ΔIL
≉ [(32 V – 5 V) × 7.8 μs]/1.5 A
≉ 140.4 μH
10.2.2.4 Output Capacitance Calculations
Once the filter inductor has been calculated, the value of the output filter capacitor is calculated to meet the
output ripple requirements. An electrolytic capacitor can be modeled as a series connection of an inductance, a
resistance, and a capacitance. To provide good filtering, the ripple frequency must be far below the frequencies
at which the series inductance becomes important. So, the two components of interest are the capacitance and
the effective series resistance (ESR). The maximum ESR is calculated according to the relation between the
specified peak-to-peak ripple voltage and the peak-to-peak ripple current.
O(ripple)
L
V
V
ESR(max)
0.067
I
1.5 A
D
=
=
»
W
D
(14)
The minimum capacitance of C3 necessary to maintain the VO ripple voltage at less than the 100-mV design
objective is calculated according to Equation 15:
L
3
O
I
1.5 A
C3
94 F
8f
V
8
20
10
0.1 V
D
=
=
=
m
D
´
´
´
(15)
A 220-mF, 60-V capacitor is selected because it has a maximum ESR of 0.074 Ω and a maximum ripple current
of 2.8 A.
10.2.2.5 Transistor Power-Switch Calculations
The transistor power switch was constructed with an NTE153 pnp drive transistor and an NTE331 npn output
transistor. These two power devices were connected in a pnp hybrid Darlington circuit configuration (see Figure
10-7).
www.ti.com
TL494
SLVS074I – JANUARY 1983 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TL494



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com