Electronic Components Datasheet Search
  English  ▼

X  

LT1996ACMS Datasheet(PDF) 15 Page - Linear Technology

Part # LT1996ACMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996ACMS Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1996ACMS Datasheet HTML 11Page - Linear Technology LT1996ACMS Datasheet HTML 12Page - Linear Technology LT1996ACMS Datasheet HTML 13Page - Linear Technology LT1996ACMS Datasheet HTML 14Page - Linear Technology LT1996ACMS Datasheet HTML 15Page - Linear Technology LT1996ACMS Datasheet HTML 16Page - Linear Technology LT1996ACMS Datasheet HTML 17Page - Linear Technology LT1996ACMS Datasheet HTML 18Page - Linear Technology LT1996ACMS Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT1996
15
1996f
4
VS–
4
VS–
VS+
1996 F09
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN
VEE
VS–
VS+
VS–
VS+
VS+
VS–
VS+
VS–
VS+
VS–
VS+
VS–
VS+
VS–
VS+
VS–
VS+
VS–
VS+
REF
LT1996
8
9
10
1
2
3
7
6
5
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
VIN
VIN
VIN
OUT
VCC
VOUT
VIN
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VIN
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
GAIN = –0.321
GAIN = –9
GAIN = –2.89
GAIN = –27
GAIN = –36
GAIN = –8.1
GAIN = –10.8
GAIN = –81
GAIN = –108
GAIN = –117
GAIN = –90
Figure 9. It Is Simple to Get Precision Inverting Gains with the LT1996.
Input Impedance Varies from 3.8kΩ (Gain = –117) to 50kΩ (Gain = –9)
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com