Electronic Components Datasheet Search
  English  ▼

X  

LT1996ACMS Datasheet(PDF) 24 Page - Linear Technology

Part # LT1996ACMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996ACMS Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1996ACMS Datasheet HTML 16Page - Linear Technology LT1996ACMS Datasheet HTML 17Page - Linear Technology LT1996ACMS Datasheet HTML 18Page - Linear Technology LT1996ACMS Datasheet HTML 19Page - Linear Technology LT1996ACMS Datasheet HTML 20Page - Linear Technology LT1996ACMS Datasheet HTML 21Page - Linear Technology LT1996ACMS Datasheet HTML 22Page - Linear Technology LT1996ACMS Datasheet HTML 23Page - Linear Technology LT1996ACMS Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT1996
24
1996f
PART NUMBER
DESCRIPTION
COMMENTS
LT1990
High Voltage Difference Amplifier
±250V Input Common Mode, Micropower, Pin Selectable Gain = 1, 10
LT1991
Precision, 100µA Gain Selectable Amplifier
Gain Resistors of 450k, 150k, 50k
LT1995
30MHz, 1000V/µs Gain Selectable Amplifier
High Speed, Pin Selectable Gain = –7 to 8
LT6010/LT6011/LT6012
Single/Dual/Quad Precision Op Amp
Similar Performance as LT1996 Diff Amp, 135µA, 14nV√Hz,
Rail-to-Rail Out
LT6013/LT6014
Single/Dual Precision Op Amp
Lower Noise AV ≥ 5 Version of LT1991, 145µA, 8nV/√Hz,
Rail-to-Rail Out
LTC6910-X
Programmable Gain Amplifiers
3 Gain Configurations, Rail-to-Rail Input and Output
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0205 1K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
–
+
VM
VP
VOUT
LT1996
1996 TA02
98
23
4
5
7
6
10
1
1/2 LT6011
1/2 LT6011
450k/81
450k/27
450k/9
450k/9
450k/27
450k/81
450k
450k
4pF
4pF
Micropower AV = 90 Instrumentation Amplifier
VIN–
VIN+
VIN
VS+
VS–
VS+
VS–
M81
M27
M9
P9
P27
P81
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
VOUT
LT1996
8
9
10
1
2
3
7
6
5
4
GAIN = 117
BW = 4Hz TO 5kHz
R1
10k
9(VIN+ – VIN–)
10kΩ
ILOAD =
0.1µF
1996 TA03
VIN–
VIN+
VOUT–
VOUT+
VOCM
VS+
VS–
M81
M27
M9
P9
P27
P81
LT1996
8
9
10
1
2
3
7
6
5
4
10k
10k
USE VOCM TO SET THE DESIRED
OUTPUT COMMON MODE LEVEL
–
LT6010
Bidirectional Controlled Current Source
AC Coupled Amplifier
Differential Input/Output G = 9 Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com