Electronic Components Datasheet Search
  English  ▼

X  

LT1996ACMS Datasheet(PDF) 18 Page - Linear Technology

Part # LT1996ACMS
Description  Precision, 100uA Gain Selectable Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1996ACMS Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1996ACMS Datasheet HTML 14Page - Linear Technology LT1996ACMS Datasheet HTML 15Page - Linear Technology LT1996ACMS Datasheet HTML 16Page - Linear Technology LT1996ACMS Datasheet HTML 17Page - Linear Technology LT1996ACMS Datasheet HTML 18Page - Linear Technology LT1996ACMS Datasheet HTML 19Page - Linear Technology LT1996ACMS Datasheet HTML 20Page - Linear Technology LT1996ACMS Datasheet HTML 21Page - Linear Technology LT1996ACMS Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT1996
18
1996f
Difference Amplifier: Additional Integer Gains Using
Cross-Coupling
Figure 12 shows the basic difference amplifier as well as
the LT1996 in a difference gain of 27. But notice the effect
of the additional dashed connections. This is referred to as
“cross-coupling” and has the effect of reducing the differ-
ential gain from 27 to 18. Using this method, additional
integer gains are achievable, as shown in Table 5 below.
Note that the equations can be written by inspection from
the VIN+ connections, and that the VIN– connections are
simply the opposite (swap P for M and M for P). The
method is the same as for the LT1991, except that the
LT1996 applies a multiplier of 9. Noise gain, bandwidth,
and input impedance specifications for the various cases
are also tabulated, as these are not obvious. Schematics
are provided in Figure 13.
Table 5. Connections Using Cross-Coupling. Note That Equations
Can Be Written by Inspection of the VIN+ Column
Gain
Noise –3dB BW RIN+
RIN–
Gain
VIN
+
VIN
–
Equation Gain
kHz
Typ kΩ Typ kΩ
18
P27, M9
M27, P9
27 – 9
39
14
46
16
45 P81, M27, M9 M81, P27, P9 81 – 27 – 9 117
5
12
6
54
P81, M27
M81, P27
81 – 27
108
5
16
6
63 P81, P9, M27 M81, M9, P27 81 + 9 – 27 117
5
16
5
72
P81, M9
M81, P9
81 – 9
90
6
45
6
99 P81, P27, M9 M81, M27, P9 81 + 27 – 9 117
5
45
4
Figure 12. Another Method of Selecting Difference Gain Is “Cross-Coupling.”
The Additional Method Means the LT1996 Provides Extra Integer Gains
Figure 13. Integer Gain Difference
Amplifiers Using Cross-Coupling
APPLICATIO S I FOR ATIO
1996 F13
VS–
VS+
VS–
VS+
VS–
VS+
VS–
VS+
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
GAIN = 18
GAIN = 54
GAIN = 63
GAIN = 72
GAIN = 99
VIN
+
VIN
–
VS–
VS+
M81
M27
M9
P9
P27
P81
OUT
VCC
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
GAIN = 45
VIN
+
VIN
–
VIN
+
VIN
–
VIN
+
VIN
–
VIN
+
VIN
–
VS–
VS+
M81
M27
M9
P9
P27
P81
OUT
VCC
VOUT
VEE
REF
LT1996
8
9
10
1
2
3
7
6
5
4
VIN
+
VIN
–
4pF
4pF
–
+
RF
RG
RG
VIN
+
VIN
+
VIN
–
VIN
–
VOUT
VOUT
VOUT = GAIN • (VIN
+ – VIN–)
GAIN = RF/RG
–
+
1996 F10
450k
450k
8
6
5
9
10
1
2
3
LT1996
CLASSICAL DIFFERENCE AMPLIFIER
CLASSICAL DIFFERENCE AMPLIFIER IMPLEMENTED
WITH LT1991. RF = 450k, RG = 16.7k, GAIN = 27.
GAIN CAN BE ADJUSTED BY "CROSS COUPLING." MAKING THE
DASHED CONNECTIONS REDUCE THE GAIN FROM 3 T0 2.
WHEN CROSS COUPLING, SEE WHAT IS CONNECTED TO THE
VIN
+ VOLTAGE. CONNECTING P27 AND M9 GIVES 27 – 9 = 18.
CONNECTIONS TO VIN
– ARE SYMMETRIC: M27 AND P9.
RF
CROSS-
COUPLING
450k/81
450k/27
450k/9
450k/81
450k/27
450k/9
4pF
4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com