Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS2DBVR Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 9Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 10Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 11Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 12Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 13Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1.8
1.4
1
2.2
2
1.6
1.2
−20
0
40
−40
20
60
80
100
2.4
VCC = 3 V
VCC = 2.4 V
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.6 V
2.6
TA − Free-Air Temperature − °C
TA − Free-Air Temperature − °C
1.4
1.2
1
1.6
1.5
1.3
1.1
−20
0
40
−40
20
60
80
100
1.7
1.8
1.9
VCC = 3.3 V
VCC = 3 V
VCC = 2.4 V
VCC = 2.7 V
VCC = 3.6 V
IOH − High-Level Output Current − mA
3
2.5
2
1.5
1
0.5
−40
−50
−30
−60
−20
0
−70
4
3.5
0
−10
VCC = 2.7 V
VCC = 3.3 V
3
2.5
2
1.5
1
0.5
30
20
40
10
50
70
0
4
3.5
0
IOL − Low-Level Output Current − mA
60
VCC = 2.7 V
VCC = 3.3 V
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373H – JULY 1999 – REVISED JULY 2006
DRIVER HIGH-TO-LOW LEVEL
DRIVER LOW-TO-HIGH LEVEL
PROPAGATION DELAY TIMES
PROPAGATION DELAY TIMES
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
RECEIVER HIGH-LEVEL OUTPUT VOLTAGE
RECEIVER LOW-LEVEL OUTPUT VOLTAGE
vs
vs
HIGH-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 9.
Figure 10.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com