Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN65LVDS2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 9Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 10Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 11Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 12Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 13Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 14Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 15Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
www.ti.com
APPLICATION INFORMATION
FAIL-SAFE
Rt = 100
Ω (Typ)
300 k
Ω
300 k
Ω
VCC
VIT ≈ 2.3 V
A
B
Y
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373H – JULY 1999 – REVISED JULY 2006
One of the most common problems with differential signaling applications is how the system responds when no
differential voltage is present on the signal pair. The LVDS receiver is like most differential line receivers, in that
its output logic state can be indeterminate when the differential input voltage is between –100 mV and 100 mV
and within its recommended input common-mode voltage range. However, TI's LVDS receiver is different in how
it handles the open-input circuit situation.
Open circuit means that there is little or no input current to the receiver from the data line itself. This could be
when the driver is in a high-impedance state or the cable is disconnected. When this occurs, the LVDS receiver
pulls each line of the signal pair to near VCC through 300-kΩ resistors as shown in Figure 13. The fail-safe
feature uses an AND gate with input voltage thresholds at about 2.3 V to detect this condition and force the
output to a high level regardless of the differential input voltage.
Figure 13. Open-Circuit Fail Safe of the LVDS Receiver
It is only under these conditions that the output of the receiver is valid with less than a 100 mV differential input
voltage magnitude. The presence of the termination resistor, Rt, does not affect the fail-safe function as long as
it is connected as shown in the figure. Other termination circuits may allow a dc current to ground that could
defeat the pullup currents from the receiver and the fail-safe feature.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com