Electronic Components Datasheet Search
  English  ▼

X  

SN65LVDS2DBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS2DBVR
Description  HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS2DBVR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS2DBVR Datasheet HTML 1Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 2Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 3Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 4Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 5Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 6Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 7Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 8Page - Texas Instruments SN65LVDS2DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION CONTINUED
INPUT
OUTPUTS
D
H
L
Open
Y
Z
H
L
L
L
H
H
DRIVER
INPUTS
OUTPUT
R
H
?
L
VID = VA − VB
VID ≥ 100 mV
−100 mV < VID < 100 mV
VID ≤ −100 mV
Open
H
H = high level, L = low level , ? = indeterminate
RECEIVER
FUNCTION TABLES
DRIVER EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
Ω
50
Ω
VCC
7 V
D Input
5
Ω
10 k
Ω
7 V
Y or Z
Output
VCC
RECEIVER EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
7 V
VCC
7 V
R Output
VCC
5
Ω
A Input
300 k
Ω
300 k
Ω
7 V
B Input
110-
Ω LVDT Only
SN65LVDS1
SN65LVDS2
SN65LVDT2
SLLS373H – JULY 1999 – REVISED JULY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
When the SN65LVDS1 is used with an LVDS receiver (such as the SN65LVDT2) in a point-to-point connection,
data or clocking signals can be transmitted over printed-circuit-board traces or cables at very high rates with
very low electromagnetic emissions and power consumption. The packaging, low power, low EMI, high ESD
tolerance, and wide supply voltage range make the device ideal for battery-powered applications.
The SN65LVDS1, SN65LVDS2, and SN65LVDT2 are characterized for operation from –40
°C to 85°C.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com