Electronic Components Datasheet Search
  English  ▼

X  

110G19 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 110G19
Description  Powerpole® Connectors PP75 - Up to 120 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

110G19 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  110G19 Datasheet HTML 1Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 2Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 3Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 4Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 5Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 6Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 7Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 8Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
- 43 -
All Data Subject To Change Without Notice
www.andersonpower.com
55A Right Angle Mini Powerclaw PCB Contacts
Right angle Mini Powerclaw contacts can be used on the PCB edge
without a PP75 housing on the PCB side. A self polarizing design only
allow PP75 wire housings to mate to PCB contacts one way.
Loose Piece
Description
Part Numbers
Minimum Quantity
1,000
100
Tin Plated
PC5934T-BK PC5934T
Silver Plated
PC5934S-BK PC5934S
55A Vertical Mini Powerclaw PCB Contacts
Vertical Mini Powerclaw contacts save space by not
requiring a PP75 housing on the PCB side. The guide
housing is required for 2 pole applications to provide a
polarized connection. (See PP75 accessories).
Loose Piece
Description
Part Numbers
Minimum Quantity 1,500
100
Tin Plated
PC5933T-BK PC5933T
Silver Plated
PC5933S-BK PC5933S
[ 12.2 ]
0.48
[ 24.3 ]
0.96
[ 9.7 ]
0.38
[2.32]
0.091
[ 10.29 ]
0.405
[ 6.25 ]
0.246
[ 1.27 ]
0.050
[ 4.98 ]
0.196
[ 25.4 ]
1.00
[ 12.19 ]
0.480
[ 1.27 ]
0.050
[ 17.5 ]
0.69
[ 6.10 ]
0.240
[ 2.42 ]
0.095
[ 24.6 ]
0.97
[ 8.1 ]
0.32
[ 7.6 ]
0.30
[ 58.4 ]
2.30
[ 15.6 ]
0.61
See PCB contact drawing on website for further detail.
6 AWG
8 AWG
10 AWG
12 AWG
25
50
75
100
125
PP75 Singlepole
Derating vs. Ambient Temperature
Amperes Applied
0
20
40
60
80
100
120
6 AWG
8 AWG
10 AWG
12 AWG
PP75 Multipole
Derating vs. Ambient Temperature
Amperes Applied
25
50
75
100
125
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90100 110 120
6 AWG
8 AWG
10 AWG
12 AWG
PP75 Singlepole Loose Piece Contact
Temperature Rise at Constant Current
Amperes Applied
6 AWG
8 AWG
10 AWG
12 AWG
PP75 Multipole Loose Piece Contact
Temperature Rise at Constant Current
Amperes Applied
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90
25
50
75
100
125
0 10 20 30 40 50 60 70 80 90 100110
Mini Powerclaw
Derating vs. Ambient Temperature
Amperes Applied
Singlepole
2-Pole
0
10
20
30
40
50
60
0 10 20 30 40 50 60 70 80 90
Mini Powerclaw
Temperature Rise at Constant Current
Amperes Applied
Singlepole
2-Pole
NOTE: Powerclaw charts are based on 8 AWG equivalent copper foil on board side, mated to 6 AWG conductor on wire side.
Current - Temperature Derating per IEC 60512-5-2 Test 5B
PP75 CONNECTOR TEMPERATURE CHARTS - Temperaturerisechartsarebasedona25°C
ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com