Electronic Components Datasheet Search
  English  ▼

X  

110G19 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 110G19
Description  Powerpole® Connectors PP75 - Up to 120 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

110G19 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  110G19 Datasheet HTML 1Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 2Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 3Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 4Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 5Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 6Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 7Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 8Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
- 41 -
All Data Subject To Change Without Notice
www.andersonpower.com
PP75 ORDERING INFORMATION
PP75 Standard Housings
The second smallest Powerpole® housing can be used with wire contacts
up to 6 AWG (10 mm²) as well as PCB and busbar contacts.
Description
Part Numbers
Minimum Quantity
1,000
100
Red
5916G7-BK
5916G7
Green
5916G6-BK
5916G6
Black
5916G4-BK
5916G4
White
5916G5-BK
5916G5
Blue
5916-BK
5916
Yellow
5916G15-BK 5916G15
Orange
5916G14-BK 5916G14
Gray
5916G16-BK 5916G16
PP75 Chemical Resistant (CR) Housings
Has the same form and dimensions of the standard
PP75 housing in a chemical resistant PBT / PC blend
housing. Suitable for use to -40°C.
Description
Part Numbers
Minimum Quantity
1,000
Red
P5916G7-BK
Black
P5916G4-BK
White
P5916G5-BK
Blue
P5916-BK
PP75 Locking Dovetail Housings
Offers dovetails for stacking housings that have a locking feature to
prevent housings separating. Can mate to standard and chemical
resistant housings, but cannot be stacked with them.
Description
Part Numbers
Minimum Quantity
1,000
100
Red
75LOKRED-BK
75LOKRED
Green
75LOKGRN-BK
75LOKGRN
Black
75LOKBLK-BK
75LOKBLK
White
75LOKWHT-BK
75LOKWHT
Blue
75LOKBLU-BK
75LOKBLU
Gray
75LOKGRA-BK
75LOKGRA
Powerpole® Connectors
PP75 - Up to 120 Amps
PP75 series Powerpole® housings can be used for wire-to-wire,
wire-to-board, and wire-to-busbar applications. Wire sizes
from 16 to 6 AWG (1.3 to 13.3 mm²) offer power capabilities
up to 120 amps per pole. Locking housings offer the capability
to secure Powerpole® housings to each other and to mounting
pads. Housings made from chemical resistant (CR) resin
withstand industrial solvents better than standard housings.
• Large Wire Range Accommodates up to 6 (10 mm²) Wire
Reducing bushings allow as small as 16 AWG (1.5 mm²)
wire to be used
• Wire, PCB, and Busbar Contacts
Allows one connection system to meet multiple needs
• Mini-Powerclaw PCB Contacts Minimize PCB Footprint
Removes the PP75 housing from the board side
[ 47.9 ]
1.88
Material ID
Located Here
V0 = Standard
P = Chemical Resistant
[ 47.9 ]
1.88
[ 81.3 ]
3.20
[ 17.0 ]
0.67
[ 15.9 ]
0.62
[ 15.9 ]
0.62
Front View
Mated Length
PP75 with Mounting Wings


Similar Part No. - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
110G19 ETC2-110G19 Datasheet
18Mb / 108P
POWERPOLE&MULTIPOLE
logo
Anderson Power Products...
110G19 APP-110G19 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
More results

Similar Description - 110G19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75BBS ETC2-75BBS Datasheet
1Mb / 8P
Powerpole Connectors PP75 up to 120 Amps
6319 ETC-6319 Datasheet
959Kb / 6P
SB짰 50 Connectors - up to 120 amps
REV C3.1
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB350 APP-SB350 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com