Electronic Components Datasheet Search
  English  ▼

X  

110G19 Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # 110G19
Description  Powerpole® Connectors PP75 - Up to 120 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

110G19 Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

  110G19 Datasheet HTML 1Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 2Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 3Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 4Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 5Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 6Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 7Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 8Page - Anderson Power Products, Inc. 110G19 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
- 46 -
All Data Subject To Change Without Notice
www.andersonpower.com
Left Side View
Right Side View
- Both Versions
- Both Versions
[ 5.1 ]
Ø 0.20
[ 2.6 ]
R 0.10
[ 15.9 ]
0.63
[ 6.9 ]
0.27
[ 15.9 ]
0.63
[ 27.4 ]
1.08
[ 5.1 ]
Ø .20
Oval Hole
Round Hole
- Mounting Wing Top
- Mounting Wing Top
[ 43.2 ]
1.70
[ 4.9 ]
0.19
[ 3.6 ]
0.14
[ 7.9 ]
0.31
[ 15.7 ]
0.62
[ 2.8 ]
0.11
Top View
Side View
POWERPOLE® PP75 ACCESSORIES
A
Strain Relief Grommets
Use for strain relief in the back side of a PP75 housing. Wire gauge given for
reference only, use grommet ID and wire OD to determine suitability in the
end application.
Dimensions
- A -
Description
Part Numbers
inches mm
Minimum Quantity
100
6 AWG, Black
114411P2
0.35 8.89
8 AWG, Black
114411P1
0.25 6.35
10 to 12 AWG, Black
114411P3
0.17 4.32
Mounting Wing for Standard or CR Housings
Mounting wings can be used to secure dovetailed Powerpole® 75 series housings
by passing fasteners through the wings in either a horizontal or vertical orientation.
Useful for sheet metal panels, printed circuit boards, and many other mounting
surfaces. Fasteners not included.
Description
Part Numbers
Minimum Quantity
1,000
100
Blue, Round Hole
1399G20-BK 1399G20
Blue, Oval Hole
1399G7-BK
1399G7
Mounting Wing for Locking Housings
Mounting wings can be used to secure Powerpole® 75 series housings with
locking dovetails by passing fasteners through the wings in either a horizontal or
vertical orientation. Useful for sheet metal panels, printed circuit boards, and
many other mounting surfaces. Fasteners not included.
Description
Part Numbers
Minimum Quantity
1,000
100
Blue, Oval Hole
75LOKWNGBLU-BK
75LOKWNGBLU
Blue, Round Hole
75LOKWNGBLU-R-BK 75LOKWNGBLU-R
Surface Mount for Locking Housings
Use to secure Powerpole® 75 series housings with locking dovetails to a flat
surface. Useful for sheet metal panels, printed circuit boards, and many other
mounting surfaces. Fasteners not included.
Description
Part Numbers
Minimum Quantity
1,000
100
Blue
75LOKSMTBLU-BK 75LOKSMTBLU
Spacer
Use to separate housings under high power to minimize power capability derating
due to heat rise. They are recommended for squaring off a block of Powerpole® 75
housings to enable mounting accessories or retaining pins to be used. Combining
long and short spacers opposite each other in a mated block adds keying features,
or use two short spacers to avoid interference.
Description
Part Numbers
Minimum Quantity
1000
100
Red, Short
1399G23-BK 1399G23
Red, Long
1399G21-BK 1399G21
Short
Long
[ 17.0 ]
0.67
[ 33.3]
1.31
[ 17.0 ]
0.67
[ 47.6 ]
1.87
[ 15.9 ]
0.63
[ 15.9 ]
0.63
[ 27.4 ]
1.08
[ 15.9 ]
0.63
[ 15.9 ]
0.63
[ 27.4 ]
1.08



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com