Electronic Components Datasheet Search
  English  ▼

X  

RCM2000 Datasheet(PDF) 30 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 30 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 26Page - Digi International Inc. RCM2000 Datasheet HTML 27Page - Digi International Inc. RCM2000 Datasheet HTML 28Page - Digi International Inc. RCM2000 Datasheet HTML 29Page - Digi International Inc. RCM2000 Datasheet HTML 30Page - Digi International Inc. RCM2000 Datasheet HTML 31Page - Digi International Inc. RCM2000 Datasheet HTML 32Page - Digi International Inc. RCM2000 Datasheet HTML 33Page - Digi International Inc. RCM2000 Datasheet HTML 34Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
26
RabbitCore RCM2000
1–13
A[12:0]
Output
Rabbit 2000 address bus
14
STAT
Output (Status)
Output
15
PC0
Output
TXD
16
PC1
Input
RXD
17
PC2
Output
TXC
18
PC3
Input
RXC
19
PC4
Output
TXB
20
PC5
Input
RXB
21
PC6
Output
TXA
22
PC7
Input
RXA
21
PC6
Output
TXA
Connected to program-
ming port
22
PC7
Input
RXA
23–26
PD[0:3]
Bitwise or parallel
programmable I/O, can be
driven or open-drain output
16 mA sourcing and
sinking current at full AC
switching speed
27
PD4
ATXB output
28
PD5
ARXB input
29
PD6
ATXA output
30
PD7
ARXA input
31, 40
GND
32, 39
VCC
33
VBATR
3 V battery input
34
VRAM
2.1 V output
100 k
Ω minimum load
35–36
SMODE0,
SMODE1
(0,0)—start executing at
address zero
No programming cable
attached
SMODE0 =1, SMODE1 = 1
Cold boot from asynchro-
nous serial port A at 2400
bps (programming cable
connected)
(0,1)—cold boot from slave
port
(1,0)—cold boot from
clocked serial port A
With programming cable
attached
37
/RES_OUT
Reset Output
38
/RES_IN
Reset Input
Table 2. RCM2000 Pinout Configurations (continued)
Pin
Pin Name
Default Use
Alternate Use
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com