Electronic Components Datasheet Search
  English  ▼

X  

RCM2000 Datasheet(PDF) 68 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 68 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 64Page - Digi International Inc. RCM2000 Datasheet HTML 65Page - Digi International Inc. RCM2000 Datasheet HTML 66Page - Digi International Inc. RCM2000 Datasheet HTML 67Page - Digi International Inc. RCM2000 Datasheet HTML 68Page - Digi International Inc. RCM2000 Datasheet HTML 69Page - Digi International Inc. RCM2000 Datasheet HTML 70Page - Digi International Inc. RCM2000 Datasheet HTML 71Page - Digi International Inc. RCM2000 Datasheet HTML 72Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 80 page
background image
64
RabbitCore RCM2000
The drain on the battery by the RCM2000 is typically 10 µA when no other power is sup-
plied. If a 950 mA·h battery is used, the battery can last more than 6 years:
Since the shelf life of the battery is 10 years, the battery can last for its full shelf life. The
actual life in your application will depend on the current drawn by components not on the
RCM2000 and the storage capacity of the battery.
C.1.2 Battery-Backup Circuit
The battery-backup circuit serves three purposes:
•
It reduces the battery voltage to the SRAM and to the real-time clock, thereby limiting
the current consumed by the real-time clock and lengthening the battery life.
•
It ensures that current can flow only out of the battery to prevent charging the battery.
•
A voltage, VOSC, is supplied to U5, which keeps the 32.768 kHz oscillator working
when the voltage begins to drop.
VRAM and Vcc are nearly equal (<100 mV, typically 10 mV) when power is supplied to
the RCM2000.
Figure C-2 shows the RCM2000 battery-backup circuit.
Figure C-2. RCM2000 Battery-Backup Circuit
VRAM is also available on pin 34 of header J2 to facilitate battery backup of the external
circuit. Note that the recommended minimum resistive load at VRAM is 100 k
Ω, and new
battery life calculations should be done to take external loading into account.
950 mA·h
10 µA
------------------------
10.8 years (shelf life = 10 years).
=
R11
10 kW
VRAM
VBAT-EXT
External Battery
R12
47 kW
2 kW
R14
RT1
22 kW
mPBAT
Vcc
22 kW
R7
47 kW
U5
pin 5
R8
D2
D1
D3
T
thermistor
C19
1 nF
C9
1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com