Electronic Components Datasheet Search
  English  ▼

X  

RCM2000 Datasheet(PDF) 64 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 64 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 60Page - Digi International Inc. RCM2000 Datasheet HTML 61Page - Digi International Inc. RCM2000 Datasheet HTML 62Page - Digi International Inc. RCM2000 Datasheet HTML 63Page - Digi International Inc. RCM2000 Datasheet HTML 64Page - Digi International Inc. RCM2000 Datasheet HTML 65Page - Digi International Inc. RCM2000 Datasheet HTML 66Page - Digi International Inc. RCM2000 Datasheet HTML 67Page - Digi International Inc. RCM2000 Datasheet HTML 68Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
60
RabbitCore RCM2000
A pair of small holes capable of holding 30 AWG wire appears to the side of each hole
pair at locations J2 and J4 for convenience of point-to-point wiring when headers are
installed. The signals are those of the adjacent pairs of holes at J2 and J4. These small
holes are also provided for the components that may be installed below location J4.
There is an additional 2" × 3" of through-hole prototyping space available on the Prototyp-
ing Board. VCC and GND traces run along the edge of the Prototyping Board for easy
access. A GND pad is also provided at the lower right for alligator clips or probes.
Figure B-6. VCC and GND Traces Along Edge of Prototyping Board
GND
VCC
GND pad
GND trace
VCC trace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com