Electronic Components Datasheet Search
  English  ▼

X  

LP4054 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LP4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LP4054 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LP4054 Datasheet HTML 1Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 2Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 3Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 4Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 5Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 6Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 7Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 8Page - List of Unclassifed Manufacturers LP4054 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary
LP4054
LP4054-datasheet V1.0
Sep.-2006
5-5
Electrical Characteristics (Over 0C ≤TJ ≤125°C and recommended supply voltage)
Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired.
Note 2: The LP4054 are guaranteed to meet performance specifications from 0℃ to 70℃. Specifications over the
-40℃ to 85℃ operating temperature range are assured by design, characterization and correlation with statistical
process controls.
Note 3: See Thermal Considerations.
Note 4: Supply current includes PROG pin current (approximately 100µA) but does not include any current delivered to
the battery through the BAT pin (approximately 100mA).
Note 5: This parameter is not applicable to the LP4054X.
Note 6: I TERM is expressed as a fraction of measured full charge current with indicated PROG resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com